Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 66 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 66 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 62Page - SMSC Corporation FDC37M607 Datasheet HTML 63Page - SMSC Corporation FDC37M607 Datasheet HTML 64Page - SMSC Corporation FDC37M607 Datasheet HTML 65Page - SMSC Corporation FDC37M607 Datasheet HTML 66Page - SMSC Corporation FDC37M607 Datasheet HTML 67Page - SMSC Corporation FDC37M607 Datasheet HTML 68Page - SMSC Corporation FDC37M607 Datasheet HTML 69Page - SMSC Corporation FDC37M607 Datasheet HTML 70Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 182 page
background image
66
SERIAL PORT (UART)
The FDC37M60x incorporates two full function
UARTs.
They
are
compatible
with
the
NS16450, the 16450 ACE registers and the
NS16550A.
The UARTS perform serial-to-
parallel conversion on received characters and
parallel-to-serial
conversion
on
transmit
characters.
The data rates are independently
programmable from 460.8K baud down to 50
baud. The character options are programmable
for 1 start; 1, 1.5 or 2 stop bits; even, odd, sticky
or no parity; and prioritized interrupts. The
UARTs each contain a programmable baud rate
generator that is capable of dividing the input
clock or crystal by a number from 1 to 65535.
The UARTs are also capable of supporting the
MIDI data rate. Refer to the Configuration
Registers for information on disabling, power
down
and changing the base address of the
UARTs. The interrupt from a UART is enabled
by programming UT2 of that UART to a logic
"1".
OUT2 being a logic "0" disables that
UART's interrupt.
The second UART also
supports IrDA, HP-SIR, and ASK-IR infrared
modes of operation.
Note: The UARTs may be configured to share
an interrupt. Refer to the Configuration section
for more information.
REGISTER DESCRIPTION
Addressing of the accessible registers of the
Serial
Port
is
shown
below.
The
base
addresses of the serial ports are defined by the
configuration
registers
(see
Configuration
section). The Serial Port registers are located at
sequentially increasing addresses above these
base addresses. The FDC37M60x contains two
serial ports, each of which contain a register set
as described below.
Table 31 - Addressing the Serial Port
DLAB*
A2
A1
A0
REGISTER NAME
0
0
0
0
Receive Buffer (Read)
0
0
0
0
Transmit Buffer (Write)
0
0
0
1
Interrupt Enable (Read/Write)
X
0
1
0
Interrupt Identification (Read)
X
0
1
0
FIFO Control (Write)
X
0
1
1
Line Control (Read/Write)
X
1
0
0
Modem Control (Read/Write)
X
1
0
1
Line Status (Read/Write)
X
1
1
0
Modem Status (Read/Write)
X
1
1
1
Scratchpad (Read/Write)
1
0
0
0
Divisor LSB (Read/Write)
1
0
0
1
Divisor MSB (Read/Write)
*Note: DLAB is Bit 7 of the Line Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com