Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 69 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 69 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 65Page - SMSC Corporation FDC37M607 Datasheet HTML 66Page - SMSC Corporation FDC37M607 Datasheet HTML 67Page - SMSC Corporation FDC37M607 Datasheet HTML 68Page - SMSC Corporation FDC37M607 Datasheet HTML 69Page - SMSC Corporation FDC37M607 Datasheet HTML 70Page - SMSC Corporation FDC37M607 Datasheet HTML 71Page - SMSC Corporation FDC37M607 Datasheet HTML 72Page - SMSC Corporation FDC37M607 Datasheet HTML 73Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 182 page
background image
69
Table 32 - Interrupt Control Table
FIFO
MODE
ONLY
INTERRUPT
IDENTIFICATION
REGISTER
INTERRUPT SET AND RESET FUNCTIONS
BIT 3
BIT 2
BIT 1
BIT 0
PRIORITY
LEVEL
INTERRUPT
TYPE
INTERRUPT
SOURCE
INTERRUPT
RESET CONTROL
0
0
0
1
-
None
None
-
0
1
1
0
Highest
Receiver Line
Status
Overrun Error,
Parity Error,
Framing Error or
Break Interrupt
Reading the Line
Status Register
0
1
0
0
Second
Received Data
Available
Receiver Data
Available
Read Receiver
Buffer or the FIFO
drops below the
trigger level.
1
1
0
0
Second
Character
Timeout
Indication
No Characters
Have Been
Removed From
or Input to the
RCVR FIFO
during the last 4
Character times
and there is at
least 1 character
in it during this
time
Reading the
Receiver Buffer
Register
0
0
1
0
Third
Transmitter
Holding
Register
Empty
Transmitter
Holding Register
Empty
Reading the IIR
Register (if Source
of Interrupt) or
Writing the
Transmitter
Holding Register
0
0
0
0
Fourth
MODEM
Status
Clear to Send or
Data Set Ready
or Ring Indicator
or Data Carrier
Detect
Reading the
MODEM Status
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com