Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 78 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 78 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 74Page - SMSC Corporation FDC37M607 Datasheet HTML 75Page - SMSC Corporation FDC37M607 Datasheet HTML 76Page - SMSC Corporation FDC37M607 Datasheet HTML 77Page - SMSC Corporation FDC37M607 Datasheet HTML 78Page - SMSC Corporation FDC37M607 Datasheet HTML 79Page - SMSC Corporation FDC37M607 Datasheet HTML 80Page - SMSC Corporation FDC37M607 Datasheet HTML 81Page - SMSC Corporation FDC37M607 Datasheet HTML 82Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 182 page
background image
78
Table 35 - Register Summary for an Individual UART Channel (continued)
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
Data Bit 2
Data Bit 3
Data Bit 4
Data Bit 5
Data Bit 6
Data Bit 7
Data Bit 2
Data Bit 3
Data Bit 4
Data Bit 5
Data Bit 6
Data Bit 7
Enable
Receiver Line
Status
Interrupt
(ELSI)
Enable
MODEM
Status
Interrupt
(EMSI)
0
0
0
0
Interrupt ID
Bit
Interrupt ID
Bit (Note 5)
0
0
FIFOs
Enabled
(Note 5)
FIFOs
Enabled
(Note 5)
XMIT FIFO
Reset
DMA Mode
Select
(Note
6)
Reserved
Reserved
RCVR Trigger
LSB
RCVR Trigger
MSB
Number of
Stop Bits
(STB)
Parity Enable
(PEN)
Even Parity
Select (EPS)
Stick Parity
Set Break
Divisor Latch
Access Bit
(DLAB)
OUT1
(Note 3)
OUT2
(Note 3)
Loop
0
0
0
Parity Error
(PE)
Framing Error
(FE)
Break
Interrupt (BI)
Transmitter
Holding
Register
(THRE)
Transmitter
Empty
(TEMT)
(Note 2)
Error in
RCVR FIFO
(Note 5)
Trailing Edge
Ring Indicator
(TERI)
Delta Data
Carrier Detect
(DDCD)
Clear to Send
(CTS)
Data Set
Ready (DSR)
Ring Indicator
(RI)
Data Carrier
Detect (DCD)
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 10
Bit 11
Bit 12
Bit 13
Bit 14
Bit 15
Note 3:
This bit no longer has a pin associated with it.
Note 4:
When operating in the XT mode, this register is not available.
Note 5:
These bits are always zero in the non-FIFO mode.
Note 6:
Writing a one to this bit has no effect. DMA modes are not supported in this chip.
Note 7:
The UART1 and UART2 FCR’s are shadowed in the UART1 FIFO Control Shadow
Register (LD8:CRC3[7:0]) and UART2 FIFO Control Shadow Register (LD8:CRC4[7:0]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com