Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 55 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 55 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 51Page - SMSC Corporation FDC37M607 Datasheet HTML 52Page - SMSC Corporation FDC37M607 Datasheet HTML 53Page - SMSC Corporation FDC37M607 Datasheet HTML 54Page - SMSC Corporation FDC37M607 Datasheet HTML 55Page - SMSC Corporation FDC37M607 Datasheet HTML 56Page - SMSC Corporation FDC37M607 Datasheet HTML 57Page - SMSC Corporation FDC37M607 Datasheet HTML 58Page - SMSC Corporation FDC37M607 Datasheet HTML 59Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 182 page
background image
55
Table 25 - Result Phase Table
MT
HEAD
FINAL SECTOR
TRANSFERRED TO
ID INFORMATION AT RESULT PHASE
HOST
C
H
R
N
0
0
Less than EOT
NC
NC
R + 1
NC
Equal to EOT
C + 1
NC
01
NC
1
Less than EOT
NC
NC
R + 1
NC
Equal to EOT
C + 1
NC
01
NC
1
0
Less than EOT
NC
NC
R + 1
NC
Equal to EOT
NC
LSB
01
NC
1
Less than EOT
NC
NC
R + 1
NC
Equal to EOT
C + 1
LSB
01
NC
NC: No Change, the same value as the one at the beginning of command execution.
LSB: Least Significant Bit, the LSB of H is complemented.
Write Data
After the Write Data command has been issued,
the FDC loads the head (if it is in the unloaded
state), waits the specified head load time if
unloaded (defined in the Specify command),
and begins reading ID fields. When the sector
address read from the diskette matches the
sector address specified in the command, the
FDC reads the data from the host via the FIFO
and writes it to the sector's data field.
After writing data into the current sector, the
FDC computes the CRC value and writes it into
the CRC field at the end of the sector transfer.
The Sector Number stored in "R" is incremented
by one, and the FDC continues writing to the
next data field. The FDC continues this "Multi-
Sector Write Operation".
Upon receipt of a
terminal count signal or if a FIFO over/under run
occurs while a data field is being written, then
the remainder of the data field is filled with
zeros.
The FDC reads the ID field of each
sector and checks the CRC bytes. If it detects
a CRC error in ne of the ID fields, it sets the
IC code in Status Register 0 to "01" (abnormal
termination), sets the DE bit of Status Register
1 to "1", and terminates the Write Data
command.
The Write Data command operates in much the
same manner as the Read Data command. The
following items are the same. Please refer to the
Read Data Command for details:
•
Transfer Capacity
•
EN (End of Cylinder) bit
•
ND (No Data) bit
•
Head Load, Unload Time Interval
•
ID information when the host terminates the
command
•
Definition of DTL when N = 0 and when N
does not = 0
Write Deleted Data
This command is almost the same as the Write
Data command except that a Deleted Data
Address Mark is written at the beginning of the
Data Field instead of the normal Data Address
Mark. This command is typically used to mark
a bad sector containing an error on the floppy
disk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com