Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 1 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 1 Page - SMSC Corporation

  FDC37M607 Datasheet HTML 1Page - SMSC Corporation FDC37M607 Datasheet HTML 2Page - SMSC Corporation FDC37M607 Datasheet HTML 3Page - SMSC Corporation FDC37M607 Datasheet HTML 4Page - SMSC Corporation FDC37M607 Datasheet HTML 5Page - SMSC Corporation FDC37M607 Datasheet HTML 6Page - SMSC Corporation FDC37M607 Datasheet HTML 7Page - SMSC Corporation FDC37M607 Datasheet HTML 8Page - SMSC Corporation FDC37M607 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 182 page
background image
FDC37M60x
Enhanced Super I/O Controller with Infrared Support
FEATURES
•
5 Volt Operation
•
PC98/99 and ACPI 1.0 Compliant
•
ISA Plug-and-Play Compatible Register Set
•
Intelligent Auto Power Management
-
Shadowed Write-Only Registers for
ACPI Compliance
•
2.88MB Super I/O Floppy Disk Controller
-
Licensed CMOS 765B Floppy Disk
Controller
-
Software and Register Compatible
with SMSC's Proprietary 82077AA
Compatible Core
-
Supports Two Floppy Drives Directly
-
Configurable Open Drain/Push-Pull
Output Drivers
-
Supports Vertical Recording Format
-
16-Byte Data FIFO
-
100% IBM® Compatibility
-
Detects All Overrun and Underrun
Conditions
-
Sophisticated Power Control Circuitry
(PCC) Including Multiple Powerdown
Modes for Reduced Power
Consumption
-
DMA Enable Logic
-
Data Rate and Drive Control Registers
-
480 Address, Up to 15 IRQ and Three
DMA Options
•
Enhanced Digital Data Separator
-
2 Mbps, 1 Mbps, 500 Kbps, 300
Kbps, 250 Kbps Data Rates
-
Programmable Precompensation
Modes
•
Keyboard Controller
-
8042 Software Compatible
-
8 Bit Microcomputer
-
2k Bytes of Program ROM
-
256 Bytes of Data RAM
-
Four Open Drain Outputs Dedicated
for Keyboard/Mouse Interface
-
Asynchronous Access to Two Data
Registers and One Status Register
-
Supports Interrupt and Polling Access
-
8 Bit Counter Timer
-
Port 92 Support
-
8042 P12 and P16 Outputs
•
Serial Ports
-
Two Full Function Serial Ports
-
High Speed NS16C550 Compatible
UARTs with Send/Receive 16-Byte
FIFOs
-
Supports 230k and 460k Baud
Programmable Baud Rate Generator
Modem Control Circuitry
-
480 Address and 15 IRQ Options
•
Infrared Port
-
Multiprotocol Infrared Interface
-
IrDA 1.0 Compliant
-
TEMIC/HP Module Support
-
SHARP ASK IR
-
480 Address, Up to 15 IRQ Options
•
Multi-Mode™ Parallel Port with
ChiProtect™
-
Standard Mode IBM PC/XT
®, PC/AT®,
and PS/2™ Compatible Bidirectional
Parallel Port


Similar Part No. - FDC37M607

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707 Datasheet
690Kb / 194P
Super I/O Controller with Wake-Up Features
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
Super I/O Controller with Wake-Up Features
logo
List of Unclassifed Man...
FDC37M70X ETC-FDC37M70X Datasheet
597Kb / 194P
Enhanced Super I/O Controller with Wake-Up
logo
SMSC Corporation
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
More results

Similar Description - FDC37M607

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37N3869 SMSC-FDC37N3869 Datasheet
725Kb / 136P
3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
37C67X SMSC-37C67X Datasheet
546Kb / 194P
ENHANCED SUPER I/O CONTROLLER WITH FAST IR
37C672 SMSC-37C672 Datasheet
965Kb / 173P
ENHANCED SUPER I/O CONTROLLER WITH FAST IR
FDC37B727 SMSC-FDC37B727 Datasheet
1Mb / 244P
128 Pin Enhanced Super I/O Controller with ACPI Support
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
logo
List of Unclassifed Man...
FDC37C67X ETC1-FDC37C67X Datasheet
531Kb / 194P
Enhanced Super I/O Controller with Fast IR
logo
SMSC Corporation
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37N769 SMSC-FDC37N769_07 Datasheet
669Kb / 137P
3.3V Super I/O Controller with Infrared Support for Portable Applications
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
128 Pin Enhanced Super I/O Controller with ACPI Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com