Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 87 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 87 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 83Page - SMSC Corporation FDC37M607 Datasheet HTML 84Page - SMSC Corporation FDC37M607 Datasheet HTML 85Page - SMSC Corporation FDC37M607 Datasheet HTML 86Page - SMSC Corporation FDC37M607 Datasheet HTML 87Page - SMSC Corporation FDC37M607 Datasheet HTML 88Page - SMSC Corporation FDC37M607 Datasheet HTML 89Page - SMSC Corporation FDC37M607 Datasheet HTML 90Page - SMSC Corporation FDC37M607 Datasheet HTML 91Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 182 page
background image
87
logic "0" for an EPP write or a logic "1" for and
EPP read.
EPP 1.7 Write
The timing for a write operation (address or
data) is shown in timing diagram EPP 1.7 Write
Data or Address cycle.
IOCHRDY is driven
active low when nWAIT is active low during the
EPP cycle. This can be used to extend the cycle
time.
The write cycle can complete when
nWAIT is inactive high.
Write Sequence of Operation
1.
The host sets PDIR bit in the control
register to a logic "0".
This asserts
nWRITE.
2.
The host selects an EPP register, places
data on the SData bus and drives nIOW
active.
3.
The chip places address or data on PData
bus.
4.
Chip asserts nDATASTB or nADDRSTRB
indicating that PData bus contains valid
information, and the WRITE signal is valid.
5.
If
nWAIT
is
asserted,
IOCHRDY
is
deasserted until the peripheral deasserts
nWAIT or a time-out occurs.
6.
When the host deasserts nIOW the chip
deasserts nDATASTB or nADDRSTRB and
latches the data from the SData bus for the
PData bus.
7.
Chip may modify nWRITE, PDIR and
nPDATA in preparation of the next cycle.
EPP 1.7 Read
The timing for a read operation (data) is shown
in timing diagram EPP 1.7 Read Data cycle.
IOCHRDY is driven active low when nWAIT is
active low during the EPP cycle. This can be
used to extend the cycle time. The read cycle
can complete when nWAIT is inactive high.
Read Sequence of Operation
1.
The host sets PDIR bit in the control
register to a logic "1".
This deasserts
nWRITE and tri-states the PData bus.
2.
The host selects an EPP register and drives
nIOR active.
3.
Chip asserts nDATASTB or nADDRSTRB
indicating that PData bus is tri-stated, PDIR
is set and the nWRITE signal is valid.
4.
If
nWAIT
is
asserted,
IOCHRDY
is
deasserted until the peripheral deasserts
nWAIT or a time-out occurs.
5.
The Peripheral drives PData bus valid.
6.
The Peripheral deasserts nWAIT, indicating
that PData is valid and the chip may begin
the termination phase of the cycle.
7.
When the host deasserts nIOR the chip
deasserts nDATASTB or nADDRSTRB.
8.
Peripheral tri-states the PData bus.
9.
Chip
may modify nWRITE, PDIR
and
nPDATA in preparation of the next cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com