Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 71 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 71 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 67Page - SMSC Corporation FDC37M607 Datasheet HTML 68Page - SMSC Corporation FDC37M607 Datasheet HTML 69Page - SMSC Corporation FDC37M607 Datasheet HTML 70Page - SMSC Corporation FDC37M607 Datasheet HTML 71Page - SMSC Corporation FDC37M607 Datasheet HTML 72Page - SMSC Corporation FDC37M607 Datasheet HTML 73Page - SMSC Corporation FDC37M607 Datasheet HTML 74Page - SMSC Corporation FDC37M607 Datasheet HTML 75Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 182 page
background image
71
This bit controls the Data Terminal Ready
(nDTR) output. When bit 0 is set to a logic "1",
the nDTR output is forced to a logic "0". When
bit 0 is a logic "0", the nDTR output is forced to
a logic "1".
Bit 1
This bit controls the Request To Send (nRTS)
output.
Bit 1 affects the nRTS output in a
manner identical to that described above for bit
0.
Bit 2
This bit controls the Output 1 (OUT1) bit. This
bit does not have an output pin and can only be
read or written by the CPU.
Bit 3
Output 2 (OUT2). This bit is used to enable an
UART interrupt. When OUT2 is a logic "0", the
serial port interrupt output is forced to a high
impedance state - disabled. When OUT2 is a
logic "1", the serial port interrupt outputs are
enabled.
Bit 4
This bit provides the loopback feature for
diagnostic testing of the Serial Port. When bit 4
is set to logic "1", the following occur:
1.
The TXD is set to the Marking State (logic
"1").
2.
The receiver Serial Input (RXD) is
disconnected.
3.
The output of the Transmitter Shift Register
is "looped back" into the Receiver
Shift
Register input.
4.
All MODEM Control inputs (nCTS, nDSR,
nRI and nDCD) are disconnected.
5.
The four MODEM Control outputs (nDTR,
nRTS, OUT1 and OUT2) are internally
connected to the four MODEM Control
inputs (nDSR, nCTS, RI, DCD).
6.
The Modem Control output pins are forced
inactive high.
7.
Data that is transmitted is immediately
received.
This feature allows the processor to verify the
transmit and receive data paths of the Serial
Port. In the diagnostic mode, the receiver and
the transmitter interrupts are fully operational.
The
MODEM
Control
Interrupts
are
also
operational but the interrupts' sources are now
the lower four bits of the MODEM Control
Register instead of the MODEM Control inputs.
The interrupts are still controlled by the Interrupt
Enable Register.
Bits 5 through 7
These bits are permanently set to logic zero.
LINE STATUS REGISTER (LSR)
Address Offset = 5H, DLAB = X, READ/WRITE
Bit 0
Data Ready (DR).
It is set to a logic "1"
whenever a complete incoming character has
been received and transferred into the Receiver
Buffer Register or the FIFO. Bit 0 is reset to a
logic "0" by reading all of the data in the Receive
Buffer Register or the FIFO.
Bit 1
Overrun Error (OE). Bit 1 indicates that data in
the Receiver Buffer Register was not read before
the next
character was transferred into the
register,
thereby
destroying
the
previous
character. In FIFO mode, an overrunn error will
occur only when the FIFO is full and the next
character has been completely received in the
shift register, the character in the shift register is
overwritten but not transferred to the FIFO. The
OE indicator is set to a logic "1" immediately
upon detection of an overrun condition, and
reset whenever the Line Status Register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com