Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 36 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 36 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 32Page - SMSC Corporation FDC37M607 Datasheet HTML 33Page - SMSC Corporation FDC37M607 Datasheet HTML 34Page - SMSC Corporation FDC37M607 Datasheet HTML 35Page - SMSC Corporation FDC37M607 Datasheet HTML 36Page - SMSC Corporation FDC37M607 Datasheet HTML 37Page - SMSC Corporation FDC37M607 Datasheet HTML 38Page - SMSC Corporation FDC37M607 Datasheet HTML 39Page - SMSC Corporation FDC37M607 Datasheet HTML 40Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 182 page
background image
36
COMMAND SET/DESCRIPTIONS
Commands can be written whenever the FDC is
in the command phase. Each command has a
unique set of needed parameters and status
results.
The FDC checks to see that the first
byte is a valid command and, if valid, proceeds
with
the
command.
If
it
is
invalid, an
interrupt is issued.
The user sends a Sense
Interrupt Status command which returns an
invalid command error.
Refer to Table 19 for
explanations of the various symbols used. Table
20 lists the required parameters and the results
associated with each command that the FDC is
capable of performing.
Table 19 - Description of Command Symbols
SYMBOL
NAME
DESCRIPTION
C
Cylinder Address
The currently selected address; 0 to 255.
D
Data Pattern
The pattern to be written in each sector data field during
formatting.
D0, D1, D2,
D3
Drive Select 0-3
Designates
which
drives
are
perpendicular
drives
on
the
Perpendicular Mode Command. A "1" indicates a perpendicular
drive.
DIR
Direction Control
If this bit is 0, then the head will step out from the spindle during a
relative seek. If set to a 1, the head will step in toward the spindle.
DS0, DS1
Disk Drive Select
DS1
DS0
DRIVE
0
0
drive 0
0
1
drive 1
1
0
drive 2
1
1
drive 3
DTL
Special Sector
Size
By setting N to zero (00), DTL may be used to control the number
of bytes transferred in disk read/write commands. The sector size
(N = 0) is set to 128. If the actual sector (on the diskette) is larger
than DTL, the remainder of the actual sector is read but is not
passed to the host during read commands; during write
commands, the remainder of the actual sector is written with all
zero bytes.
The CRC check code is calculated with the actual
sector. When N is not zero, DTL has no meaning and should be
set to FF HEX.
EC
Enable Count
When this bit is "1" the "DTL" parameter of the Verify command
becomes SC (number of sectors per track).
EFIFO
Enable FIFO
This active low bit when a 0, enables the FIFO. A "1" disables the
FIFO (default).
EIS
Enable Implied
Seek
When set, a seek operation will be performed before executing any
read or write command that requires the C parameter in the
command phase. A "0" disables the implied seek.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com