Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 61 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 61 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 57Page - SMSC Corporation FDC37M607 Datasheet HTML 58Page - SMSC Corporation FDC37M607 Datasheet HTML 59Page - SMSC Corporation FDC37M607 Datasheet HTML 60Page - SMSC Corporation FDC37M607 Datasheet HTML 61Page - SMSC Corporation FDC37M607 Datasheet HTML 62Page - SMSC Corporation FDC37M607 Datasheet HTML 63Page - SMSC Corporation FDC37M607 Datasheet HTML 64Page - SMSC Corporation FDC37M607 Datasheet HTML 65Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 182 page
background image
61
pulses. The HLT (Head Load Time) defines the
time between when the Head Load signal goes
high and the read/write operation starts. The
values
change
with
the
data
rate
speedselection and are documented in Table 29.
The values are the same for MFM and FM.
Table 29 - Drive Control Delays (ms)
HUT
SRT
2M
1M
500K
300K
250K
2M
1M
500K
300K
250K
0
1
..
E
F
64
4
..
56
60
128
8
..
112
120
256
16
..
224
240
426
26.7
..
373
400
512
32
..
448
480
4
3.75
..
0.5
0.25
8
7.5
..
1
0.5
16
15
..
2
1
26.7
25
..
3.33
1.67
32
30
..
4
2
HLT
2M
1M
500K
300K
250K
00
01
02
..
7F
7F
64
0.5
1
..
63
63.5
128
1
2
..
126
127
256
2
4
..
252
254
426
3.3
6.7
..
420
423
512
4
8
.
504
508
The choice of DMA or non-DMA operations is
made by the ND bit. When this bit is "1", the
non-DMA mode is selected, and when ND is "0",
the DMA mode is selected. In DMA mode, data
transfers are signalled by the FDRQ pin. Non-
DMA mode uses the RQM bit and the FINT pin
to signal data transfers.
Configure
The Configure command is issued to select the
special features of the FDC.
A Configure
command need not be issued if the default
values
of
the
FDC
meet
the
system
requirements.
Configure Default Values:
EIS - No Implied Seeks
EFIFO - FIFO Disabled
POLL - Polling Enabled
FIFOTHR - FIFO Threshold Set to 1 Byte
PRETRK - Pre-Compensation Set to Track 0
EIS - Enable Implied Seek. When set to "1", the
FDC will perform a Seek operation before
executing a read or write command. Defaults to
no implied seek.
EFIFO - A "1" disables the FIFO (default). This
means data transfers are asked for on a byte-
by-byte basis. Defaults to "1", FIFO disabled.
The threshold defaults to "1".
POLL - Disable polling of the drives. Defaults to
"0", polling enabled.
When enabled, a single
interrupt is generated after a reset. No polling is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com