Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 94 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 94 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 90Page - SMSC Corporation FDC37M607 Datasheet HTML 91Page - SMSC Corporation FDC37M607 Datasheet HTML 92Page - SMSC Corporation FDC37M607 Datasheet HTML 93Page - SMSC Corporation FDC37M607 Datasheet HTML 94Page - SMSC Corporation FDC37M607 Datasheet HTML 95Page - SMSC Corporation FDC37M607 Datasheet HTML 96Page - SMSC Corporation FDC37M607 Datasheet HTML 97Page - SMSC Corporation FDC37M607 Datasheet HTML 98Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 182 page
background image
94
BIT 4
ackIntEn - INTERRUPT REQUEST
ENABLE
The interrupt request enable bit when set to a
high level may be used to
enable interrupt
requests from the Parallel Port to the CPU due
to a low to high transition on the nACK input.
Refer to the description of the interrupt under
Operation, Interrupts.
BIT 5 DIRECTION
If mode=000 or mode=010, this bit has no effect
and the direction is always out regardless of the
state of this bit. In all other modes, Direction is
valid and a logic 0 means that the printer port is
in output mode (write); a logic “1” means that
the printer port is in input mode (read).
BITS 6 and 7 during a read are a low level, and
cannot be written.
cFifo (Parallel Port Data FIFO)
ADDRESS OFFSET = 400h
Mode = 010
Bytes written or DMAed from the system to this
FIFO are transmitted by a hardware handshake
to the peripheral using the standard parallel port
protocol.
Transfers to the FIFO are byte
aligned. This mode is only defined for the
forward direction.
ecpDFifo (ECP Data FIFO)
ADDRESS OFFSET = 400H
Mode = 011
Bytes written or DMAed from the system to this
FIFO,
when
the
direction
bit
is
“0”,
are
transmitted by a hardware handshake to the
peripheral using the ECP parallel port protocol.
Transfers to the FIFO are byte aligned.
Data bytes from the peripheral are read under
automatic hardware handshake from ECP into
this FIFO when the direction bit is 1. Reads or
DMAs from the FIFO will return bytes of ECP
data to the system.
tFifo (Test FIFO Mode)
ADDRESS OFFSET = 400H
Mode = 110
Data bytes may be read, written or DMAed to or
from the system to this FIFO in any direction.
Data in the tFIFO will not be transmitted to the
to the parallel port lines using a hardware
protocol handshake.
However, data in the
tFIFO may be displayed on the parallel port data
lines.
The tFIFO will not stall when overwritten or
underrun. If an attempt is made to write data to
a full tFIFO, the new data is not accepted into
the tFIFO. If an attempt is made to read data
from an empty tFIFO, the last data byte is re-
read again.
The full and empty bits must
always keep track of the correct FIFO state. The
tFIFO will transfer data at the maximum ISA
rate so that software may generate performance
metrics.
The FIFO size and interrupt threshold can be
determined by writing bytes to the FIFO and
checking the full and serviceIntr bits.
The writeIntrThreshold can be derermined by
starting with a full tFIFO, setting the direction bit
to “0” and emptying it a byte at a time until
serviceIntr is set. This may generate a spurious
interrupt, but will indicate that the threshold has
been reached.
The readIntrThreshold can be derermined by
setting the direction bit to “1” and filling the
empty tFIFO a byte at a time until serviceIntr is
set. This may generate a spurious interrupt, but
will
indicate
that
the
threshold
has
been
reached.
Data bytes are always read from the head of
tFIFO regardless of the value of the direction bit.
For example if 44h, 33h, 22h is written to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com