Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 57 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 57 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 53Page - SMSC Corporation FDC37M607 Datasheet HTML 54Page - SMSC Corporation FDC37M607 Datasheet HTML 55Page - SMSC Corporation FDC37M607 Datasheet HTML 56Page - SMSC Corporation FDC37M607 Datasheet HTML 57Page - SMSC Corporation FDC37M607 Datasheet HTML 58Page - SMSC Corporation FDC37M607 Datasheet HTML 59Page - SMSC Corporation FDC37M607 Datasheet HTML 60Page - SMSC Corporation FDC37M607 Datasheet HTML 61Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 182 page
background image
57
Format A Track
The Format command allows an entire track to
be formatted. After a pulse from the IDX pin is
detected, the FDC starts writing data on the disk
including gaps, address marks, ID fields, and
data fields per the IBM System 34 or 3740
format (MFM or FM respectively). The particular
values that will be written to the gap and data
field are controlled by the values programmed
into N, SC, GPL, and D which are specified by
the host during the command phase. The data
field of the sector is filled with the data byte
specified by D. The ID field for each sector is
supplied by the host; that is, four data bytes per
sector are needed by the FDC for C, H, R, and
N (cylinder, head, sector number and sector size
respectively).
After formatting each sector, the host must send
new values for C, H, R and N to the FDC for the
next sector on the track. The R value (sector
number) is the only value that must be changed
by the host after each sector is formatted. This
allows
the
disk
to
be
formatted
with
nonsequential sector addresses (interleaving).
This incrementing and formatting continues for
the whole track until the FDC encounters a pulse
on the IDX pin again and it terminates the
command.
Table 27 contains typical values for gap fields
which are dependent upon the size of the sector
and the number of sectors on each track.
Actual values can vary due to drive electronics.
FORMAT FIELDS
SYSTEM 34 (DOUBLE DENSITY) FORMAT
GAP4a
80x
4E
SYNC
12x
00
IAM
GAP1
50x
4E
SYNC
12x
00
IDAM
C
Y
L
H
D
S
E
C
N
O
C
R
C
GAP2
22x
4E
SYNC
12x
00
DATA
AM
DATA
C
R
C
GAP3
GAP 4b
3x
C2
FC
3x
A1
FE
3x
A1
FB
F8
SYSTEM 3740 (SINGLE DENSITY) FORMAT
GAP4a
40x
FF
SYNC
6x
00
IAM
GAP1
26x
FF
SYNC
6x
00
IDAM
C
Y
L
H
D
S
E
C
N
O
C
R
C
GAP2
11x
FF
SYNC
6x
00
DATA
AM
DATA
C
R
C
GAP3
GAP 4b
FC
FE
FB or
F8
PERPENDICULAR FORMAT
GAP4a
80x
4E
SYNC
12x
00
IAM
GAP1
50x
4E
SYNC
12x
00
IDAM
C
Y
L
H
D
S
E
C
N
O
C
R
C
GAP2
41x
4E
SYNC
12x
00
DATA
AM
DATA
C
R
C
GAP3
GAP 4b
3x
C2
FC
3x
A1
FE
3x
A1
FB
F8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com