Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 37 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 37 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 33Page - SMSC Corporation FDC37M607 Datasheet HTML 34Page - SMSC Corporation FDC37M607 Datasheet HTML 35Page - SMSC Corporation FDC37M607 Datasheet HTML 36Page - SMSC Corporation FDC37M607 Datasheet HTML 37Page - SMSC Corporation FDC37M607 Datasheet HTML 38Page - SMSC Corporation FDC37M607 Datasheet HTML 39Page - SMSC Corporation FDC37M607 Datasheet HTML 40Page - SMSC Corporation FDC37M607 Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 182 page
background image
37
Table 19 - Description of Command Symbols
SYMBOL
NAME
DESCRIPTION
EOT
End of Track
The final sector number of the current track.
GAP
Alters Gap 2 length when using Perpendicular Mode.
GPL
Gap Length
The Gap 3 size. (Gap 3 is the space between sectors excluding
the VCO synchronization field).
H/HDS
Head Address
Selected head: 0 or 1 (disk side 0 or 1) as encoded in the sector
ID field.
HLT
Head Load Time
The time interval that FDC waits after loading the head and before
initializing a read or write operation.
Refer to the Specify
command for actual delays.
HUT
Head Unload
Time
The time interval from the end of the execution phase (of a read or
write command) until the head is unloaded. Refer to the Specify
command for actual delays.
LOCK
Lock
defines
whether
EFIFO,
FIFOTHR,
and
PRETRK
parameters of the CONFIGURE COMMAND can be reset to their
default values by a "software Reset". (A reset caused by writing to
the appropriate bits of either tha DSR or DOR).
MFM
MFM/FM Mode
Selector
A one selects the double density (MFM) mode.
A zero selects
single density (FM) mode.
MT
Multi-Track
Selector
When set, this flag selects the multi-track operating mode. In this
mode, the FDC treats a complete cylinder under head 0 and 1 as
a single track. The FDC operates as this expanded track started
at the first sector under head 0 and ended at the last sector under
head 1. With this flag set, a multitrack read or write operation will
automatically continue to the first sector under head 1 when the
FDC finishes operating on the last sector under head 0.
N
Sector Size Code
This specifies the number of bytes in a sector. If this parameter is
"00", then the sector size is 128 bytes.
The number of bytes
transferred is determined by the DTL parameter. Otherwise the
sector size is (2 raised to the "N'th" power) times 128. All values
up to "07" hex are allowable. "07"h would equal a sector size of
16k. It is the user's responsibility to not select combinations that
are not possible with the drive.
N
SECTOR SIZE
00
128 bytes
01
256 bytes
02
512 bytes
03
1024 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com