Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 25 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 25 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 21Page - SMSC Corporation FDC37M607 Datasheet HTML 22Page - SMSC Corporation FDC37M607 Datasheet HTML 23Page - SMSC Corporation FDC37M607 Datasheet HTML 24Page - SMSC Corporation FDC37M607 Datasheet HTML 25Page - SMSC Corporation FDC37M607 Datasheet HTML 26Page - SMSC Corporation FDC37M607 Datasheet HTML 27Page - SMSC Corporation FDC37M607 Datasheet HTML 28Page - SMSC Corporation FDC37M607 Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 182 page
background image
25
DATA REGISTER (FIFO)
Address 3F5 READ/WRITE
All command parameter information, disk data
and result status are transferred between the
host processor and the floppy disk controller
through the Data Register.
Data transfers are governed by the RQM and
DIO bits in the Main Status Register.
The Data Register defaults to FIFO disabled
mode after any form of reset.
This maintains
PC/AT hardware compatibility.
The default
values can be changed through the Configure
command (enable full FIFO operation with
threshold control). The advantage of the FIFO
is that it allows the system
a larger DMA
latency without causing a disk error. Table 14
gives several examples of the delays with a
FIFO.
The data is based upon the following
formula:
At the start of a command, the FIFO action is
always disabled and command parameters
must be sent based upon the RQM and DIO bit
settings. As the command execution phase is
entered, the FIFO is cleared of any data to
ensure that invalid data is not transferred.
An overrun or underrun will terminate the
current command and the transfer of data. Disk
writes will complete the current sector by
generating a 00 pattern and valid CRC. Reads
require the host to remove the remaining data
so that the result phase may be entered.
Table 14 - FIFO Service Delay
FIFO THRESHOLD
EXAMPLES
MAXIMUM DELAY TO SERVICING AT 2
Mbps* DATA RATE
1 byte
2 bytes
8 bytes
15 bytes
1 x 4
µs - 1.5 µs = 2.5 µs
2 x 4
µs - 1.5 µs = 6.5 µs
8 x 4
µs - 1.5 µs = 30.5 µs
15 x 4
µs - 1.5 µs = 58.5 µs
FIFO THRESHOLD
EXAMPLES
MAXIMUM DELAY TO SERVICING AT 1
Mbps DATA RATE
1 byte
2 bytes
8 bytes
15 bytes
1 x 8
µs - 1.5 µs = 6.5 µs
2 x 8
µs - 1.5 µs = 14.5 µs
8 x 8
µs - 1.5 µs = 62.5 µs
15 x 8
µs - 1.5 µs = 118.5 µs
FIFO THRESHOLD
EXAMPLES
MAXIMUM DELAY TO SERVICING AT
500 Kbps DATA RATE
1 byte
2 bytes
8 bytes
15 bytes
1 x 16
µs - 1.5 µs = 14.5 µs
2 x 16
µs - 1.5 µs = 30.5 µs
8 x 16
µs - 1.5 µs = 126.5 µs
15 x 16
µs - 1.5 µs = 238.5 µs
*The 2 Mbps data rate is only available if VCC = 5V.
Threshold # x
1
DATA RATE
x 8
- 1.5
µs = DELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com