Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 22 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 22 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 18Page - SMSC Corporation FDC37M607 Datasheet HTML 19Page - SMSC Corporation FDC37M607 Datasheet HTML 20Page - SMSC Corporation FDC37M607 Datasheet HTML 21Page - SMSC Corporation FDC37M607 Datasheet HTML 22Page - SMSC Corporation FDC37M607 Datasheet HTML 23Page - SMSC Corporation FDC37M607 Datasheet HTML 24Page - SMSC Corporation FDC37M607 Datasheet HTML 25Page - SMSC Corporation FDC37M607 Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 182 page
background image
22
Table 11 - Data Rates
DRIVE RATE
DATA RATE
DATA RATE
DENSEL
DRATE(1)
DRT1
DRT0
SEL1
SEL0
MFM
FM
1
0
0
0
1
1
1Meg
---
1
1
1
0
0
0
0
500
250
1
0
0
0
0
0
1
300
150
0
0
1
0
0
1
0
250
125
0
1
0
0
1
1
1
1Meg
---
1
1
1
0
1
0
0
500
250
1
0
0
0
1
0
1
500
250
0
0
1
0
1
1
0
250
125
0
1
0
1
0
1
1
1Meg
---
1
1
1
1
0
0
0
500
250
1
0
0
1
0
0
1
2Meg
---
0
0
1
1
0
1
0
250
125
0
1
0
Drive Rate Table (Recommended) 00 = 360K, 1.2M, 720K, 1.44M and 2.88M Vertical Format
01 = 3-Mode Drive
10 = 2 Meg Tape
Note 1: The DRATE and DENSEL values are mapped onto the DRVDEN pins.
Table 12 - DRVDEN Mapping
DT1
DT0
DRVDEN1 (1)
DRVDEN0 (1)
DRIVE TYPE
0
0
DRATE0
DENSEL
4/2/1 MB 3.5"
2/1 MB 5.25" FDDS
2/1.6/1 MB 3.5" (3-
MODE)
1
0
DRATE0
DRATE1
0
1
DRATE0
nDENSEL
PS/2
1
1
DRATE1
DRATE0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com