Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 26 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 26 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 22Page - SMSC Corporation FDC37M607 Datasheet HTML 23Page - SMSC Corporation FDC37M607 Datasheet HTML 24Page - SMSC Corporation FDC37M607 Datasheet HTML 25Page - SMSC Corporation FDC37M607 Datasheet HTML 26Page - SMSC Corporation FDC37M607 Datasheet HTML 27Page - SMSC Corporation FDC37M607 Datasheet HTML 28Page - SMSC Corporation FDC37M607 Datasheet HTML 29Page - SMSC Corporation FDC37M607 Datasheet HTML 30Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 182 page
background image
26
DIGITAL INPUT REGISTER (DIR)
Address 3F7 READ ONLY
This register is read-only in all modes.
PC-AT Mode
BIT 0 - 6 UNDEFINED
The data bus outputs D0 - 6 will remain in a
high impedance state during a read of this
register.
BIT 7 DSKCHG
This bit monitors the pin of the same name and
reflects the opposite value seen on the disk
cable or the value programmed in the Force
Disk
Change
Register
(see
Configuration
Register LD8:CRC1[1:0]).
PS/2 Mode
BIT 0 nHIGH DENS
This bit is low whenever the 500 Kbps or 1
Mbps data rates are selected, and high when
250 Kbps and 300 Kbps are selected.
BITS 1 - 2 DATA RATE SELECT
These bits control the data rate of the floppy
controller.
See Table 11 for the settings
corresponding to the individual data rates. The
data rate select bits are
unaffected by
a
software reset, and are set to 250 Kbps after a
hardware reset.
BITS 3 - 6 UNDEFINED
Always read as a logic "1"
BIT 7 DSKCHG
This bit monitors the pin of the same name
and reflects the opposite value seen on the
disk cable or the value programmed in the
Force
Disk
Change
Register
(see
Configuration Register LD8:CRC1[1:0]).
7
6
5
4
3
2
1
0
DSK
CHG
RESET
COND.
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
7
6
5
4
3
2
1
0
DSK
CHG
1
1
1
1
DRATE
SEL1
DRATE
SEL0
nHIGH
nDENS
RESET
COND.
N/A
N/A
N/A
N/A
N/A
N/A
N/A
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com