Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 6 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 6 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 2Page - SMSC Corporation FDC37M607 Datasheet HTML 3Page - SMSC Corporation FDC37M607 Datasheet HTML 4Page - SMSC Corporation FDC37M607 Datasheet HTML 5Page - SMSC Corporation FDC37M607 Datasheet HTML 6Page - SMSC Corporation FDC37M607 Datasheet HTML 7Page - SMSC Corporation FDC37M607 Datasheet HTML 8Page - SMSC Corporation FDC37M607 Datasheet HTML 9Page - SMSC Corporation FDC37M607 Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 182 page
background image
6
DESCRIPTION OF PIN FUNCTIONS
PIN
No./QFP
NAME
TOTAL
SYMBOL
BUFFER
TYPE
PROCESSOR/HOST INTERFACE (34)
37:40,
42:45
System Data Bus
8
SD[0:7]
IO24
21:31
11 bit System Address Bus
11
SA[0:10]
I
20
Chip Select/SA11 (Note 1)
1
nCS/SA11
I
34
Address Enable
1
AEN
I
55
I/O Channel Ready
1
IOCHRDY
OD24
46
ISA Reset Drive
1
RESET_DRV
IS
33
Serial IRQ
1
SER_IRQ
IO24
32
PCI Clock for Serial IRQ (33 MHz/30 MHz)
1
PCI_CLK
IO24
48
DMA Request 1
1
DRQ1
O24
50
DMA Request 2
1
DRQ2
O24
52
DMA Request 3/8042 P12
1
DRQ3/P12
O24/IO24
47
DMA Acknowledge 1
1
nDACK1
I
49
DMA Acknowledge 2
1
nDACK2
I
51
DMA Acknowledge 3/8042 P16
1
nDACK3/
P16
I/IO24
54
Terminal Count
1
TC
I
35
I/O Read
1
nIOR
I
36
I/O Write
1
nIOW
I
CLOCKS (1)
19
14.318MHz Clock Input
1
CLOCKI
ICLK
INFRARED INTERFACE (2)
61
Infrared Rx
1
IRRX
I
62
Infrared Tx
1
IRTX
O24
POWER PINS (8)
18,53,
65,93
Power
VCC
7,41,
60,76
Ground
VSS
FDD INTERFACE (16)
16
Read Disk Data
1
nRDATA
IS
11
Write Gate
1
nWGATE
O24/OD24
10
Write Disk Data
1
nWDATA
O24/OD24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com