Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 58 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 58 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 54Page - SMSC Corporation FDC37M607 Datasheet HTML 55Page - SMSC Corporation FDC37M607 Datasheet HTML 56Page - SMSC Corporation FDC37M607 Datasheet HTML 57Page - SMSC Corporation FDC37M607 Datasheet HTML 58Page - SMSC Corporation FDC37M607 Datasheet HTML 59Page - SMSC Corporation FDC37M607 Datasheet HTML 60Page - SMSC Corporation FDC37M607 Datasheet HTML 61Page - SMSC Corporation FDC37M607 Datasheet HTML 62Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 182 page
background image
58
Table 27 - Typical Values for Formatting
FORMAT
SECTOR SIZE
N
SC
GPL1
GPL2
5.25"
Drives
FM
128
128
512
1024
2048
4096
...
00
00
02
03
04
05
...
12
10
08
04
02
01
07
10
18
46
C8
C8
09
19
30
87
FF
FF
MFM
256
256
512*
1024
2048
4096
...
01
01
02
03
04
05
...
12
10
09
04
02
01
0A
20
2A
80
C8
C8
0C
32
50
F0
FF
FF
3.5"
Drives
FM
128
256
512
0
1
2
0F
09
05
07
0F
1B
1B
2A
3A
MFM
256
512**
1024
1
2
3
0F
09
05
0E
1B
35
36
54
74
GPL1 = suggested GPL values in Read and Write commands to avoid splice point
between data field and ID field of contiguous sections.
GPL2 = suggested GPL value in Format A Track command.
*PC/AT values (typical)
**PS/2 values (typical). Applies with 1.0 MB and 2.0 MB drives.
Note: All values except sector size are in hex.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com