Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 99 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 99 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 95Page - SMSC Corporation FDC37M607 Datasheet HTML 96Page - SMSC Corporation FDC37M607 Datasheet HTML 97Page - SMSC Corporation FDC37M607 Datasheet HTML 98Page - SMSC Corporation FDC37M607 Datasheet HTML 99Page - SMSC Corporation FDC37M607 Datasheet HTML 100Page - SMSC Corporation FDC37M607 Datasheet HTML 101Page - SMSC Corporation FDC37M607 Datasheet HTML 102Page - SMSC Corporation FDC37M607 Datasheet HTML 103Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 182 page
background image
99
Table 43 - Forward Channel Commands (HostAck Low)
Reverse Channel Commands (PeripAck Low)
D7
D[6:0]
0
Run-Length Count (0-127)
(mode 0011 0X00 only)
1
Channel Address (0-127)
Data Compression
The ECP port supports run length encoded
(RLE) decompression in hardware and can
transfer compressed data to a peripheral. Run
length encoded (RLE) compression in hardware
is not supported. To transfer compressed data
in ECP mode, the compression count is written
to the ecpAFifo and the data byte is written to
the ecpDFifo.
Compression
is
accomplished
by
counting
identical bytes and transmitting an RLE byte
that indicates how many times the next byte is
to
be
repeated.
Decompression
simply
intercepts
the
RLE
byte
and
repeats
the
following byte the specified number of times.
When a run-length count is received from a
peripheral,
the
subsequent
data
byte
is
replicated the specified number of times. A
run-length count of zero specifies that only one
byte of data is represented by the next data
byte, whereas a run-length count of 127
indicates that the next byte should be expanded
to 128 bytes. To prevent data expansion,
however, run-length counts of zero should be
avoided.
Pin Definition
The drivers for nStrobe, nAutoFd, nInit and
nSelectIn are open-collector in mode 000 and
are push-pull in all other modes.
ISA Connections
The interface can never stall causing the host to
hang. The width of data transfers is strictly
controlled on an I/O address basis per this
specification. All FIFO-DMA transfers are byte
wide, byte aligned and end on a byte boundary.
(The PWord value can be obtained by reading
Configuration Register A,
cnfgA, described in
the next section).
Single byte wide transfers
are
always possible with standard or PS/2
mode using program control of the control
signals.
Interrupts
The interrupts are enabled by serviceIntr in the
ecr register.
serviceIntr = 1 Disables the DMA and all of the
service interrupts.
serviceIntr = 0
Enables the selected interrupt
condition.
If the interrupting
condition is valid, then the
interrupt
is
generated
immediately when this bit is
changed from a “1” to a “0”.
This
can
occur
during
Programmed I/O if the number
of bytes removed or added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com