Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 102 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 102 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 98Page - SMSC Corporation FDC37M607 Datasheet HTML 99Page - SMSC Corporation FDC37M607 Datasheet HTML 100Page - SMSC Corporation FDC37M607 Datasheet HTML 101Page - SMSC Corporation FDC37M607 Datasheet HTML 102Page - SMSC Corporation FDC37M607 Datasheet HTML 103Page - SMSC Corporation FDC37M607 Datasheet HTML 104Page - SMSC Corporation FDC37M607 Datasheet HTML 105Page - SMSC Corporation FDC37M607 Datasheet HTML 106Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 182 page
background image
102
the FIFO. If at this time the FIFO is full, it can
be
completely
emptied
in
a
single
burst,
otherwise a minimum of (16-<threshold>) bytes
may be read from the FIFO in a single burst.
Programmed I/O - Transfers from the Host to
the FIFO
In the forward direction an interrupt occurs when
serviceIntr is 0 and there are writeIntrThreshold
or more bytes free in the FIFO. At this time if
the FIFO is empty it can be filled with a single
burst before the empty bit needs to be re-read.
Otherwise
it
may
be
filled
with
writeIntrThreshold bytes.
writeIntrThreshold =
(16-<threshold>)
free
bytes in FIFO
An interrupt is generated when serviceIntr is 0
and the number of bytes in the FIFO is less than
or equal to <threshold>. (If the threshold = 12,
then the interrupt is set whenever there are 12 or
less bytes of data in the FIFO.) The PINT pin
can be used for interrupt-driven systems. The
host must respond to the request by writing data
to the FIFO. If at this time the FIFO is empty, it
can be completely filled in a single burst,
otherwise a minimum of (16-<threshold>) bytes
may be written to the FIFO in a single burst.
This process is repeated until the last byte is
transferred into the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com