Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 105 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 105 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 101Page - SMSC Corporation FDC37M607 Datasheet HTML 102Page - SMSC Corporation FDC37M607 Datasheet HTML 103Page - SMSC Corporation FDC37M607 Datasheet HTML 104Page - SMSC Corporation FDC37M607 Datasheet HTML 105Page - SMSC Corporation FDC37M607 Datasheet HTML 106Page - SMSC Corporation FDC37M607 Datasheet HTML 107Page - SMSC Corporation FDC37M607 Datasheet HTML 108Page - SMSC Corporation FDC37M607 Datasheet HTML 109Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 182 page
background image
105
Table 44 - PC/AT and PS/2 Available Registers
Base + Address
Available Registers
Access Permitted
PC-AT
PS/2 (Model 30)
Access to these registers DOES NOT wake up the part
00H
----
SRA
R
01H
----
SRB
R
02H
DOR (1)
DOR (1)
R/W
03H
---
---
---
04H
DSR (1)
DSR (1)
W
06H
---
---
---
07H
DIR
DIR
R
07H
CCR
CCR
W
Access to these registers wakes up the part
04H
MSR
MSR
R
05H
Data
Data
R/W
Note 1: Writing to the DOR or DSR does not wake up the part, however, writing any of the
motor enable bits or doing a software reset (via DOR or DSR reset bits) will wake up the part.
Table 45 - State of System Pins in Auto Powerdown
SYSTEM PINS
STATE IN AUTO POWERDOWN
Input Pins
nIOR
Unchanged
nIOW
Unchanged
SA[0:9]
Unchanged
SD[0:7]
Unchanged
RESET_DRV
Unchanged
DACKx
Unchanged
TC
Unchanged
Output Pins
IRQx
Unchanged (low)
SD[0:7]
Unchanged
DRQx
Unchanged (low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com