Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 107 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 107 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 103Page - SMSC Corporation FDC37M607 Datasheet HTML 104Page - SMSC Corporation FDC37M607 Datasheet HTML 105Page - SMSC Corporation FDC37M607 Datasheet HTML 106Page - SMSC Corporation FDC37M607 Datasheet HTML 107Page - SMSC Corporation FDC37M607 Datasheet HTML 108Page - SMSC Corporation FDC37M607 Datasheet HTML 109Page - SMSC Corporation FDC37M607 Datasheet HTML 110Page - SMSC Corporation FDC37M607 Datasheet HTML 111Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 182 page
background image
107
UART Power Management
Direct power management is controlled by
CR22. Refer to CR22 for more information.
Auto Power Management is enabled by CR23-
B4 and B5.
When set, these bits allow the
following auto power management operations:
1.
The transmitter enters auto powerdown
when the transmit buffer and shift register
are empty.
2.
The receiver enters powerdown when the
following conditions are all met:
A.
Receive FIFO is empty
B.
The receiver is waiting for a start bit.
Note:
While in powerdown the Ring Indicator
interrupt is still valid and transitions
when the RI input changes.
Exit Auto Powerdown
The transmitter exits powerdown on a write to
the XMIT buffer.
The receiver exits auto
powerdown when RXDx changes state.
Parallel Port
Direct power management is controlled by
CR22. Refer to CR22 for more information.
Auto Power Management is enabled by CR23-
B3. When set, this bit allows the ECP or EPP
logical parallel port blocks to be placed into
powerdown when not being used.
The EPP logic is in powerdown under any of the
following conditions:
1.
EPP is not enabled in the configuration
registers.
2.
EPP is not selected through ecr while in
ECP mode.
The ECP logic is in powerdown under any of the
following conditions:
1.
ECP is not enabled in the configuration
registers.
2
SPP, PS/2 Parallel port or EPP mode is
selected through ecr while in ECP mode.
Exit Auto Powerdown
The parallel port logic can change powerdown
modes when the ECP mode is changed through
the ecr register or when the parallel port mode is
changed through the configuration registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com