Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 28 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 28 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 24Page - SMSC Corporation FDC37M607 Datasheet HTML 25Page - SMSC Corporation FDC37M607 Datasheet HTML 26Page - SMSC Corporation FDC37M607 Datasheet HTML 27Page - SMSC Corporation FDC37M607 Datasheet HTML 28Page - SMSC Corporation FDC37M607 Datasheet HTML 29Page - SMSC Corporation FDC37M607 Datasheet HTML 30Page - SMSC Corporation FDC37M607 Datasheet HTML 31Page - SMSC Corporation FDC37M607 Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 182 page
background image
28
CONFIGURATION CONTROL REGISTER (CCR)
Address 3F7 WRITE ONLY
PC/AT and PS/2 Modes
BIT 0 and 1 DATA RATE SELECT 0 and 1
These bits determine the data rate of the floppy
controller.
See Table 11 for the appropriate
values.
BIT 2 - 7 RESERVED
Should be set to a logical "0"
PS/2 Model 30 Mode
BIT 0 and 1 DATA RATE SELECT 0 and 1
These bits determine the data rate of the floppy
controller.
See Table 11 for the appropriate
values.
BIT 2 NO PRECOMPENSATION
This bit can be set by software, but it has no
functionality. It can be read by bit 2 of the DSR
when in Model 30 register mode. Unaffected by
software reset.
BIT 3 - 7 RESERVED
Should be set to a logical "0"
Table 12 shows the state of the DENSEL pin.
The DENSEL pin is set high after a hardware
reset and is unaffected by the DOR and the
DSR resets.
7
6
5
4
3
2
1
0
DRATE
SEL1
DRATE
SEL0
RESET
COND.
N/A
N/A
N/A
N/A
N/A
N/A
1
0
7
6
5
4
3
2
1
0
NOPREC DRATE
SEL1
DRATE
SEL0
RESET
COND.
N/A
N/A
N/A
N/A
N/A
N/A
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com