Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 65 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 65 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 61Page - SMSC Corporation FDC37M607 Datasheet HTML 62Page - SMSC Corporation FDC37M607 Datasheet HTML 63Page - SMSC Corporation FDC37M607 Datasheet HTML 64Page - SMSC Corporation FDC37M607 Datasheet HTML 65Page - SMSC Corporation FDC37M607 Datasheet HTML 66Page - SMSC Corporation FDC37M607 Datasheet HTML 67Page - SMSC Corporation FDC37M607 Datasheet HTML 68Page - SMSC Corporation FDC37M607 Datasheet HTML 69Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 182 page
background image
65
Table 30 - Effects of WGATE and GAP Bits
WGATE
GAP
MODE
LENGTH OF
GAP2 FORMAT
FIELD
PORTION OF
GAP 2 WRITTEN
BY WRITE DATA
OPERATION
0
0
1
1
0
1
0
1
Conventional
Perpendicular
(500 Kbps)
Reserved
(Conventional)
Perpendicular
(1 Mbps)
22 Bytes
22 Bytes
22 Bytes
41 Bytes
0 Bytes
19 Bytes
0 Bytes
38 Bytes
LOCK
In order to protect systems with long DMA
latencies against older application software that
can disable the FIFO the LOCK Command has
been added.
This command should only be
used by the FDC routines, and application
software should refrain from using it.
If an
application calls for the FIFO to be disabled
then the CONFIGURE command should be
used.
The LOCK command defines whether the
EFIFO, FIFOTHR, and PRETRK parameters of
the CONFIGURE command can be RESET by
the DOR and DSR registers. When the LOCK
bit is set to logic "1" all subsequent "software
RESETS by the DOR and DSR registers will not
change the previously set parameters to their
default values. All "hardware" RESET from the
RESET pin will set the LOCK bit to logic "0" and
return the EFIFO, FIFOTHR, and PRETRK to
their default values.
A status byte is returned
immediately after issuing a a LOCK command.
This byte reflects the value of the LOCK bit set
by the command byte.
ENHANCED DUMPREG
The
DUMPREG
command
is
designed
to
support
system
run-time
diagnostics
and
application software development and debug.
To accommodate the LOCK command and the
enhanced PERPENDICULAR MODE command
the eighth byte of the DUMPREG command has
been modified to contain the additional data
from these two commands.
COMPATIBILITY
The FDC37M60x was designed with software
compatibility in mind.
It is a fully backwards-
compatible solution with the older generation
765A/B
disk
controllers.
The
FDC
also
implements on-board registers for compatibility
with the PS/2, as well as PC/AT and PC/XT,
floppy
disk
controller
subsystems.
After
a
hardware reset of the FDC, all registers,
functions and enhancements default to a PC/AT,
PS/2 or PS/2 Model 30 compatible operating
mode, depending on how the IDENT and MFM
bits are configured by the system BIOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com