Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 53 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 53 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 49Page - SMSC Corporation FDC37M607 Datasheet HTML 50Page - SMSC Corporation FDC37M607 Datasheet HTML 51Page - SMSC Corporation FDC37M607 Datasheet HTML 52Page - SMSC Corporation FDC37M607 Datasheet HTML 53Page - SMSC Corporation FDC37M607 Datasheet HTML 54Page - SMSC Corporation FDC37M607 Datasheet HTML 55Page - SMSC Corporation FDC37M607 Datasheet HTML 56Page - SMSC Corporation FDC37M607 Datasheet HTML 57Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 182 page
background image
53
then the head settling time may be saved
between subsequent reads.
If the FDC detects a pulse on the nINDEX pin
twice
without
finding
the
specified
sector
(meaning that the diskette's index hole passes
through index detect logic in the drive twice), the
FDC sets the IC code in Status Register
0 to
"01"
indicating
abnormal termination, sets the
ND bit in Status Register 1 to "1" indicating a
sector not found, and terminates the Read Data
Command.
After reading the ID and Data Fields in each
sector,
the FDC checks the CRC bytes. If a
CRC error occurs in the ID or data field, the
FDC sets the IC code in Status Register 0 to
"01" indicating abnormal termination, sets the
DE bit flag in Status Register 1 to "1", sets the
DD bit in Status Register 2 to "1" if CRC is
incorrect in the ID field, and terminates the Read
Data Command. Table 23 describes the effect
of the SK bit on the Read Data command
execution and results. Except where noted in
Table 23, the C or R value of the sector address
is automatically incremented (see Table 25).
Table 22 - Effects of MT and N Bits
MT
N
MAXIMUM TRANSFER
CAPACITY
FINAL SECTOR READ
FROM DISK
0
1
0
1
0
1
1
1
2
2
3
3
256 x 26 = 6,656
256 x 52 = 13,312
512 x 15 = 7,680
512 x 30 = 15,360
1024 x 8 = 8,192
1024 x 16 = 16,384
26 at side 0 or 1
26 at side 1
15 at side 0 or 1
15 at side 1
8 at side 0 or 1
16 at side 1
Table 23 - Skip Bit vs Read Data Command
SK BIT
VALUE
DATA ADDRESS
MARK TYPE
ENCOUNTERED
RESULTS
SECTOR
READ?
CM BIT OF
ST2 SET?
DESCRIPTION OF
RESULTS
0
0
1
1
Normal Data
Deleted Data
Normal Data
Deleted Data
Yes
Yes
Yes
No
No
Yes
No
Yes
Normal termination.
Address not
incremented. Next
sector not searched
for.
Normal termination.
Normal termination.
Sector not read
("skipped").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com