Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 100 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 100 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 96Page - SMSC Corporation FDC37M607 Datasheet HTML 97Page - SMSC Corporation FDC37M607 Datasheet HTML 98Page - SMSC Corporation FDC37M607 Datasheet HTML 99Page - SMSC Corporation FDC37M607 Datasheet HTML 100Page - SMSC Corporation FDC37M607 Datasheet HTML 101Page - SMSC Corporation FDC37M607 Datasheet HTML 102Page - SMSC Corporation FDC37M607 Datasheet HTML 103Page - SMSC Corporation FDC37M607 Datasheet HTML 104Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 182 page
background image
100
from/to the FIFO does not
cross the threshold.
The interrupt generated is ISA friendly in that it
must pulse the interrupt line low,
allowing for
interrupt sharing.
After a brief pulse low
following the interrupt event, the interrupt line is
tri-stated so that other interrupts may assert.
An interrupt is generated when:
1. For DMA transfers: When serviceIntr is “0”,
dmaEn is “1” and the DMA TC is received.
2. For Programmed I/O:
a.
When serviceIntr is “0”, dmaEn is “0”,
direction
is
“0”
and
there
are
writeIntrThreshold or more free bytes in
the
FIFO.
Also,
an
interrupt
is
generated when serviceIntr is cleared
to
“0”
whenever
there
are
writeIntrThreshold or more free bytes in
the FIFO.
b.(1) When serviceIntr is “0”, dmaEn is “0”,
direction
is
“1”
and
there
are
readIntrThreshold or more bytes in the
FIFO.
Also, an interrupt is generated
when
serviceIntr
is
cleared
to
0
whenever there are readIntrThreshold
or more bytes in the FIFO.
3. When
nErrIntrEn
is
“0”
and
nFault
transitions
from
high
to
low
or
when
nErrIntrEn is set from “1” to “0” and nFault is
asserted.
4. When ackIntEn is “1” and the nAck signal
transitions from a low to a high.
FIFO Operation
The
FIFO
threshold
is
set
in
the
chip
configuration registers. All data transfers to or
from the parallel port can proceed in DMA or
Programmed I/O (non-DMA) mode as indicated
by the selected mode.
The FIFO is used by
selecting the Parallel Port FIFO mode or ECP
Parallel Port Mode. (FIFO test mode will be
addressed separately). After a reset, the FIFO
is disabled. Each data byte is transferred by a
Programmed I/O cycle or PDRQ depending on
the selection of DMA or Programmed I/O mode.
The following paragraphs detail the operation of
the FIFO flow control.
In these descriptions,
<threshold> ranges from 1 to 16. The parameter
FIFOTHR, which the user programs, is one less
and ranges from 0 to 15.
A low threshold value (i.e. 2) results in longer
periods of time between service requests, but
requires faster servicing of the request for both
read and write cases.
The host must be very
responsive to the service request.
This is the
desired case for use with a "fast" system.
A
high value of threshold (i.e. 12) is used with a
"sluggish" system by affording a long latency
period after a service request, but results in
more frequent service requests.
DMA TRANSFERS
DMA transfers are always to or from the
ecpDFifo, tFifo or CFifo.
DMA utilizes the
standard PC DMA services. To use the DMA
transfers, the host first sets up the direction and
state as in the programmed I/O case. Then it
programs the DMA controller in the host with the
desired count and memory address. Lastly it
sets dmaEn to 1 and serviceIntr to 0. The ECP
requests DMA transfers from the host by
activating the PDRQ pin. The DMA will empty
or fill the FIFO using the appropriate direction
and mode. When the terminal count in the DMA
controller is reached, an interrupt is generated
and serviceIntr is asserted, disabling DMA. In
order to prevent possible blocking of refresh
requests dReq shall not be asserted for more
than 32 DMA cycles in a row.
The FIFO is
enabled directly by asserting nPDACK and
addresses
need
not
be
valid.
PINTR
is
generated when a TC is received. PDRQ must



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com