Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 15 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 15 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 11Page - SMSC Corporation FDC37M607 Datasheet HTML 12Page - SMSC Corporation FDC37M607 Datasheet HTML 13Page - SMSC Corporation FDC37M607 Datasheet HTML 14Page - SMSC Corporation FDC37M607 Datasheet HTML 15Page - SMSC Corporation FDC37M607 Datasheet HTML 16Page - SMSC Corporation FDC37M607 Datasheet HTML 17Page - SMSC Corporation FDC37M607 Datasheet HTML 18Page - SMSC Corporation FDC37M607 Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 182 page
background image
15
STATUS REGISTER B (SRB)
Address 3F1 READ ONLY
This register is read-only and monitors the state
of several disk interface pins
in PS/2 and
Model 30 modes. The SRB can be accessed at
any time when in PS/2 mode.
In the PC/AT
mode the data bus pins D0 - D7 are held in a
high impedance state for a read of address 3F1.
PS/2 Mode
BIT 0 MOTOR ENABLE 0
Active high status of the MTR0 disk interface
output pin. This bit is low after a hardware reset
and unaffected by a software reset.
BIT 1 MOTOR ENABLE 1
Active high status of the MTR1 disk interface
output pin. This bit is low after a hardware reset
and unaffected by a software reset.
BIT 2 WRITE GATE
Active high status of the WGATE disk interface
output.
BIT 3 READ DATA TOGGLE
Every inactive edge of the RDATA input causes
this bit to change state.
BIT 4 WRITE DATA TOGGLE
Every inactive edge of the WDATA input causes
this bit to change state.
BIT 5 DRIVE SELECT 0
Reflects the status of the Drive Select 0 bit of
the DOR (address 3F2 bit 0). This bit is cleared
after a hardware reset and it is unaffected by a
software reset.
BIT 6 RESERVED
Always read as a logic "1".
BIT 7 RESERVED
Always read as a logic "1".
7
6
5
4
3
2
1
0
1
1
DRIVE
SEL0
WDATA
TOGGLE
RDATA
TOGGLE
WGATE
MOT
EN1
MOT
EN0
RESET
COND.
1
1
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com