Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 75 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 75 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 71Page - SMSC Corporation FDC37M607 Datasheet HTML 72Page - SMSC Corporation FDC37M607 Datasheet HTML 73Page - SMSC Corporation FDC37M607 Datasheet HTML 74Page - SMSC Corporation FDC37M607 Datasheet HTML 75Page - SMSC Corporation FDC37M607 Datasheet HTML 76Page - SMSC Corporation FDC37M607 Datasheet HTML 77Page - SMSC Corporation FDC37M607 Datasheet HTML 78Page - SMSC Corporation FDC37M607 Datasheet HTML 79Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 182 page
background image
75
received data available interrupt; XMIT FIFO
empty has the same priority as the current
transmitter holding register empty interrupt.
FIFO POLLED MODE OPERATION
With FCR bit 0 = "1" resetting IER bits 0, 1, 2 or
3 or all to zero puts the UART in the FIFO
Polled Mode of operation. Since the RCVR and
XMITTER are controlled separately, either one
or both can be in the polled mode of operation.
In this mode, the user's program will check
RCVR and XMITTER status via the LSR. LSR
definitions for the FIFO Polled Mode are as
follows:
•
Bit 0=1 as long as there is one byte in the
RCVR FIFO.
•
Bits 1 to 4 specify which error(s) have
occurred. Character error status is handled
the same way as when in the interrupt
mode, the IIR is not affected since EIR bit
•
Bit 5 indicates when the XMIT FIFO is
empty.
•
Bit 6 indicates that both the XMIT FIFO and
shift register are empty.
•
Bit 7 indicates whether there are any errors
in the RCVR FIFO.
There is no trigger level reached or timeout
condition indicated in the FIFO Polled Mode,
however, the RCVR and XMIT FIFOs are still
fully capable of holding characters.
Table 33 - Baud Rates Using 1.8462 MHz Clock for <= 38.4K; Using 1.8432 MHz Clock
for 115.2k ; Using 3.6864 MHz Clock for 230.4k; Using 7.3728 MHz Clock for 460.8k
DESIRED
BAUD RATE
DIVISOR USED TO
GENERATE 16X CLOCK
PERCENT ERROR DIFFERENCE
BETWEEN DESIRED AND ACTUAL*
CRxx:
BIT 7 OR 6
50
2304
0.001
X
75
1536
-
X
110
1047
-
X
134.5
857
0.004
X
150
768
-
X
300
384
-
X
600
192
-
X
1200
96
-
X
1800
64
-
X
2000
58
0.005
X
2400
48
-
X
3600
32
-
X
4800
24
-
X
7200
16
-
X
9600
12
-
X
19200
6
-
X
38400
3
0.030
X
57600
2
0.16
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com