| Electronic Components Datasheet Search |
|
FDC37M607 Datasheet(PDF) 93 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
FDC37M607 Datasheet(HTML) 93 Page - SMSC Corporation |
|
93 / 182 page ![]() 93 DATA and ecpAFifo PORT ADDRESS OFFSET = 00H Modes 000 and 001 (Data Port) The Data Port is located at an offset of '00H' from the base address. The data register is cleared at initialization by RESET. During a WRITE operation, the Data Register latches the contents of the data bus on the rising edge of the nIOW input. The contents of this register are buffered (non inverting) and output onto the PD0 - PD7 ports. During a READ operation, PD0 - PD7 ports are read and output to the host CPU. Mode 011 (ECP FIFO - Address/RLE) A data byte written to this address is placed in the FIFO and tagged as an ECP Address/RLE. The hardware at the ECP port transmitts this byte to the peripheral automatically. The operation of this register is ony defined for the forward direction (direction is 0). Refer to the ECP Parallel Port Forward Timing Diagram, located in the Timing Diagrams section of this data sheet . DEVICE STATUS REGISTER (dsr) ADDRESS OFFSET = 01H The Status Port is located at an offset of '01H' from the base address. Bits 0 - 2 are not implemented as register bits, during a read of the Printer Status Register these bits are a low level. The bits of the Status Port are defined as follows: BIT 3 nFault The level on the nFault input is read by the CPU as bit 3 of the Device Status Register. BIT 4 Select The level on the Select input is read by the CPU as bit 4 of the Device Status Register. BIT 5 PError The level on the PError input is read by the CPU as bit 5 of the Device Status Register. Printer Status Register. BIT 6 nAck The level on the nAck input is read by the CPU as bit 6 of the Device Status Register. BIT 7 nBusy The complement of the level on the BUSY input is read by the CPU as bit 7 of the Device Status Register. DEVICE CONTROL REGISTER (dcr) ADDRESS OFFSET = 02H The Control Register is located at an offset of '02H' from the base address. The Control Register is initialized to zero by the RESET input, bits 0 to 5 only being affected; bits 6 and 7 are hard wired low. BIT 0 STROBE - STROBE This bit is inverted and output onto the nSTROBE output. BIT 1 AUTOFD - AUTOFEED This bit is inverted and output onto the nAUTOFD output. A logic 1 causes the printer to generate a line feed after each line is printed. A logic 0 means no autofeed. BIT 2 nINIT - nINITIATE OUTPUT This bit is output onto the nINIT output without inversion. BIT 3 SELECTIN This bit is inverted and output onto the nSLCTIN output. A logic 1 on this bit selects the printer; a logic 0 means the printer is not selected. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |