Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 73 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 73 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 69Page - SMSC Corporation FDC37M607 Datasheet HTML 70Page - SMSC Corporation FDC37M607 Datasheet HTML 71Page - SMSC Corporation FDC37M607 Datasheet HTML 72Page - SMSC Corporation FDC37M607 Datasheet HTML 73Page - SMSC Corporation FDC37M607 Datasheet HTML 74Page - SMSC Corporation FDC37M607 Datasheet HTML 75Page - SMSC Corporation FDC37M607 Datasheet HTML 76Page - SMSC Corporation FDC37M607 Datasheet HTML 77Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 182 page
background image
73
MODEM STATUS REGISTER (MSR)
Address Offset = 6H, DLAB = X, READ/WRITE
This 8 bit register provides the current state of
the control lines from the MODEM (or peripheral
device).
In addition to this current state
information, four bits of the MODEM Status
Register (MSR)
provide change information.
These bits are set to logic "1" whenever a
control input from the MODEM changes state.
They are reset to logic "0" whenever the
MODEM Status Register is read.
Bit 0
Delta Clear To Send (DCTS).
Bit 0 indicates
that the nCTS input to the chip has changed
state since the last time the MSR was read.
Bit 1
Delta Data Set Ready (DDSR). Bit 1 indicates
that the nDSR input has changed state since the
last time the MSR was read.
Bit 2
Trailing Edge of Ring Indicator (TERI).
Bit 2
indicates that the nRI input has changed from
logic "0" to logic "1".
Bit 3
Delta Data Carrier Detect (DDCD).
Bit 3
indicates that the nDCD input to the chip has
changed state.
NOTE:Whenever bit 0, 1, 2, or 3 is set to a logic
"1", a MODEM Status Interrupt is generated.
Bit 4
This bit is the complement of the Clear To Send
(nCTS) input. If bit 4 of the MCR is set to logic
"1", this bit is equivalent to nRTS in the MCR.
Bit 5
This bit is the complement of the Data Set
Ready (nDSR) input. If bit 4 of the MCR is set
to logic "1", this bit is equivalent to DTR in the
MCR.
Bit 6
This bit is the complement of the Ring Indicator
(nRI) input. If bit 4 of the MCR is set to logic
"1", this bit is equivalent to OUT1 in the MCR.
Bit 7
This bit is the complement of the Data Carrier
Detect (nDCD) input. If bit 4 of the MCR is set
to logic "1", this bit is equivalent to OUT2 in the
MCR.
SCRATCHPAD REGISTER (SCR)
Address Offset =7H, DLAB =X, READ/WRITE
This 8 bit read/write register has no effect on the
operation of the Serial Port. It is intended as a
scratchpad
register
to
be
used
by
the
programmer to hold data temporarily.
PROGRAMMABLE BAUD RATE GENERATOR
(AND DIVISOR LATCHES DLH, DLL)
The Serial Port contains a programmable Baud
Rate Generator that is capable of taking any
clock input (DC to 3 MHz) and dividing it by any
divisor from 1 to 65535. This output frequency
of the Baud Rate
Generator is 16x the Baud
rate. Two 8 bit latches store the divisor in 16 bit
binary format. These Divisor Latches must be
loaded during initialization in order to insure
desired operation of the Baud Rate Generator.
Upon loading either of the Divisor Latches, a 16
bit Baud counter is immediately loaded.
This
prevents long counts on initial load.
If a 0 is
loaded into the BRG registers the output divides
the clock by the number 3. If a 1 is loaded the
output is the inverse of the input oscillator. If a
two is loaded the output is a divide by 2 signal
with a 50% duty cycle.
If a 3 or greater is
loaded the output is low for 2 bits and high for
the remainder of the count. The input clock to
the BRG is a 1.8462 MHz clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com