Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 86 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 86 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 82Page - SMSC Corporation FDC37M607 Datasheet HTML 83Page - SMSC Corporation FDC37M607 Datasheet HTML 84Page - SMSC Corporation FDC37M607 Datasheet HTML 85Page - SMSC Corporation FDC37M607 Datasheet HTML 86Page - SMSC Corporation FDC37M607 Datasheet HTML 87Page - SMSC Corporation FDC37M607 Datasheet HTML 88Page - SMSC Corporation FDC37M607 Datasheet HTML 89Page - SMSC Corporation FDC37M607 Datasheet HTML 90Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 182 page
background image
86
asserts (releases) IOCHRDY allowing
the host to complete the write cycle.
8.
Peripheral asserts nWAIT, indicating to the
host that any hold time requirements have
been
satisfied
and
acknowledging
the
termination of the cycle.
9.
Chip may modify nWRITE and nPDATA in
preparation for the next cycle.
EPP 1.9 Read
The timing for a read operation (data) is shown
in timing diagram EPP Read Data cycle.
IOCHRDY is driven active low at the start of
each EPP read and is released when it has been
determined that the read cycle can complete.
The read cycle can complete under the following
circumstances:
1
If the EPP bus is not ready (nWAIT is active
low) when nDATASTB goes active then the
read can complete when nWAIT goes
inactive high.
2.
If the EPP bus is ready (nWAIT is inactive
high) then the chip must wait for it to go
active low before changing the state of
WRITE or before nDATASTB goes active.
The read can complete once nWAIT is
determined inactive.
Read Sequence of Operation
1.
The host selects an EPP register and drives
nIOR active.
2.
The chip drives IOCHRDY inactive (low).
3.
If WAIT is not asserted, the chip must wait
until WAIT is asserted.
4.
The chip tri-states the PData bus and
deasserts nWRITE.
5.
Chip asserts nDATASTB or nADDRSTRB
indicating that PData bus is tri-stated, PDIR
is set and the nWRITE signal is valid.
6.
Peripheral drives PData bus valid.
7.
Peripheral deasserts nWAIT, indicating that
PData is valid and the chip may begin the
termination phase of the cycle.
8.
a)
The chip latches the data from the
PData bus for the SData bus and
deasserts nDATASTB or nADDRSTRB.
This
marks
the
beginning
of
the
termination phase.
b)
The chip drives the valid data onto the
SData
bus
and
asserts
(releases)
IOCHRDY
allowing
the
host
to
complete the read cycle.
9.
Peripheral tri-states the PData bus and
asserts nWAIT, indicating to the host that
the PData bus is tri-stated.
10. Chip
may modify nWRITE, PDIR
and
nPDATA in preparation for the next cycle.
EPP 1.7 OPERATION
When the EPP 1.7 mode is selected in the
configuration register, the standard and bi-
directional modes are also available. If no EPP
Read, Write or Address cycle is currently
executing, then the PDx bus is in the standard or
bi-directional mode, and all output signals
(STROBE, AUTOFD, INIT) are as set by the
SPP Control Port and direction is controlled by
PCD of the Control port.
In EPP mode, the system timing is closely
coupled to the EPP timing. For this reason, a
watchdog timer is required to prevent system
lockup. The timer indicates if more than 10usec
have elapsed from the start of the EPP cycle
(nIOR or nIOW asserted) to the end of the cycle
nIOR or nIOW deasserted).
If a time-out
occurs, the current EPP cycle is aborted and the
time-out condition is indicated in Status bit 0.
Software Constraints
Before an EPP cycle is executed, the software
must ensure that the control register bits D0, D1
and D3 are set to zero. Also, bit D5 (PCD) is a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com