Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 11 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 7Page - SMSC Corporation FDC37M607 Datasheet HTML 8Page - SMSC Corporation FDC37M607 Datasheet HTML 9Page - SMSC Corporation FDC37M607 Datasheet HTML 10Page - SMSC Corporation FDC37M607 Datasheet HTML 11Page - SMSC Corporation FDC37M607 Datasheet HTML 12Page - SMSC Corporation FDC37M607 Datasheet HTML 13Page - SMSC Corporation FDC37M607 Datasheet HTML 14Page - SMSC Corporation FDC37M607 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 182 page
background image
11
FUNCTIONAL DESCRIPTION
SUPER I/O REGISTERS
The address map, shown below in Table 1,
shows the addresses of the different blocks of
the Super I/O immediately after power up. The
base addresses of the FDC, serial and parallel
ports can be moved via the configuration
registers. Some addresses are used to access
more than one register.
HOST PROCESSOR INTERFACE
The host processor communicates with the
FDC37M60x through a series of read/write
registers. The port addresses for these registers
are shown in Table 1.
Register access is
accomplished through programmed I/O or DMA
transfers. All registers are 8 bits wide. All host
interface output buffers are capable of sinking a
minimum of 24 mA.
Table 1 - Super I/O Block Addresses
ADDRESS
BLOCK NAME
LOGICAL
DEVICE
NOTES
Base+(0-5) and +(7)
Floppy Disk
0
Base+(0-7)
Serial Port Com 1
4
Base1+(0-7)
Serial Port Com 2
5
IR Support
Base+(0-3)
Base+(0-7)
Base+(0-3), +(400-402)
Base+(0-7), +(400-402)
Parallel Port
SPP
EPP
ECP
ECP+EPP+SPP
3
60, 64
KYBD
7
Note 1: Refer to the configuration register descriptions for setting the base address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com