Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 38 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 38 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 34Page - SMSC Corporation FDC37M607 Datasheet HTML 35Page - SMSC Corporation FDC37M607 Datasheet HTML 36Page - SMSC Corporation FDC37M607 Datasheet HTML 37Page - SMSC Corporation FDC37M607 Datasheet HTML 38Page - SMSC Corporation FDC37M607 Datasheet HTML 39Page - SMSC Corporation FDC37M607 Datasheet HTML 40Page - SMSC Corporation FDC37M607 Datasheet HTML 41Page - SMSC Corporation FDC37M607 Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 182 page
background image
38
Table 19 - Description of Command Symbols
SYMBOL
NAME
DESCRIPTION
NCN
New Cylinder
Number
The desired cylinder number.
ND
Non-DMA Mode
Flag
When set to “1”, indicates that the FDC is to operate in the non-
DMA mode. In this mode, the host is interrupted for each data
transfer.
When set to “0”, the FDC operates in DMA mode,
interfacing to a DMA controller by means of the DRQ and nDACK
signals.
OW
Overwrite
The bits D0-D3 of the Perpendicular Mode Command can only be
modified if OW is set to “1”. OW id defined in the Lock command.
PCN
Present Cylinder
Number
The current position of the head at the completion of Sense
Interrupt Status command.
POLL
Polling Disable
When set, the internal polling routine is disabled.
When clear,
polling is enabled.
PRETRK
Precompensation
Start Track
Number
Programmable from track 00 to FFH.
R
Sector Address
The sector number to be read or written. In multi-sector transfers,
this parameter specifies the sector number of the first sector to be
read or written.
RCN
Relative Cylinder
Number
Relative cylinder offset from present cylinder as used by the
Relative Seek command.
SC
Number of
Sectors Per Track
The number of sectors per track to be initialized by the Format
command. The number of sectors per track to be verified during a
Verify command when EC is set.
SK
Skip Flag
When set to “1”, sectors containing a deleted data address mark
will automatically be skipped during the execution of Read Data. If
Read Deleted is executed, only sectors with a deleted address
mark will be accessed.
When set to "0", the sector is read or
written the same as the read and write commands.
SRT
Step Rate Interval The time interval between step pulses issued by the FDC.
Programmable from 0.5 to 8 milliseconds in increments of 0.5 ms
at the 1 Mbit data rate. Refer to the SPECIFY command for actual
delays.
ST0
ST1
ST2
ST3
Status 0
Status 1
Status 2
Status 3
Registers within the FDC which store status information after a
command has been executed. This status information is available
to the host during the result phase after command execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com