Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 68 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 68 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 64Page - SMSC Corporation FDC37M607 Datasheet HTML 65Page - SMSC Corporation FDC37M607 Datasheet HTML 66Page - SMSC Corporation FDC37M607 Datasheet HTML 67Page - SMSC Corporation FDC37M607 Datasheet HTML 68Page - SMSC Corporation FDC37M607 Datasheet HTML 69Page - SMSC Corporation FDC37M607 Datasheet HTML 70Page - SMSC Corporation FDC37M607 Datasheet HTML 71Page - SMSC Corporation FDC37M607 Datasheet HTML 72Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 182 page
background image
68
other bits in this register are written to or they
will not be properly programmed.
Bit 1
Setting this bit to a logic "1" clears all bytes in
the RCVR FIFO and resets its counter logic to 0.
The shift register is not cleared. This bit is self-
clearing.
Bit 2
Setting this bit to a logic "1" clears all bytes in
the XMIT FIFO and resets its counter logic to 0.
The shift register is not cleared. This bit is self-
clearing.
Bit 3
Writting to this bit has no effect on the operation
of the UART. The RXRDY and TXRDY pins are
not available on this chip.
Bit 4,5
Reserved
Bit 6,7
These bits are used to set the trigger level for
the RCVR FIFO interrupt.
INTERRUPT IDENTIFICATION REGISTER (IIR)
Bit 7
Bit 6
RCVR FIFI Trigger
Level (BYTES)
0
0
1
0
1
4
1
0
8
1
1
14
Address Offset = 2H, DLAB = X, READ
By accessing this register, the host CPU can
determine the highest priority interrupt and its
source.
Four levels of priority interrupt exist.
They are in descending order of priority:
1.
Receiver Line Status (highest priority)
2.
Received Data Ready
3.
Transmitter Holding Register Empty
4.
MODEM Status (lowest priority)
Information indicating that a prioritized interrupt
is pending and the source of that interrupt is
stored in the Interrupt Identification Register
(refer to Interrupt Control Table). When the CPU
accesses the IIR, the Serial Port freezes all
interrupts and indicates the highest priority
pending interrupt to the CPU. During this CPU
access, even if the Serial Port records new
interrupts,
the
current
indication
does
not
change until access is completed. The contents
of the IIR are described below.
Bit 0
This bit can be used in either a hardwired
prioritized or polled environment to indicate
whether an interrupt is pending. When bit 0 is a
logic "0", an interrupt is pending and the
contents of the IIR may be used as a pointer to
the appropriate internal service routine. When
bit 0 is a logic "1", no interrupt is pending.
Bits 1 and 2
These two bits of the IIR are used to identify the
highest priority interrupt pending as indicated by
the Interrupt Control Table.
Bit 3
In non-FIFO mode, this bit is a logic "0".
In
FIFO mode this bit is set along with bit 2 when a
timeout interrupt is pending.
Bits 4 and 5
These bits of the IIR are always logic "0".
Bits 6 and 7
These
two
bits
are
set
when
the
FIFO
CONTROL Register bit 0 equals “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com