Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 72 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 72 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 68Page - SMSC Corporation FDC37M607 Datasheet HTML 69Page - SMSC Corporation FDC37M607 Datasheet HTML 70Page - SMSC Corporation FDC37M607 Datasheet HTML 71Page - SMSC Corporation FDC37M607 Datasheet HTML 72Page - SMSC Corporation FDC37M607 Datasheet HTML 73Page - SMSC Corporation FDC37M607 Datasheet HTML 74Page - SMSC Corporation FDC37M607 Datasheet HTML 75Page - SMSC Corporation FDC37M607 Datasheet HTML 76Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 182 page
background image
72
Bit 2
Parity Error (PE).
Bit 2 indicates that the
received data character does not have the
correct even or odd parity, as selected by the
even parity select bit. The PE is set to a logic
"1" upon detection of a parity error and is
reset to a logic "0" whenever the Line Status
Register is read. In the FIFO mode this error is
associated with the particular character in the
FIFO it applies to. This error is indicated when
the associated character is at the top of the
FIFO.
Bit 3
Framing Error (FE).
Bit 3 indicates that the
received character did not have a valid stop bit.
Bit 3 is set to a logic "1" whenever the stop bit
following the last data bit or parity bit is detected
as a zero bit (Spacing level). The FE is reset to
a logic "0" whenever the Line Status Register is
read. In the FIFO mode this error is associated
with the particular character in the FIFO it
applies to.
This error is indicated when the
associated character is at the top of the FIFO.
The Serial Port will try to resynchronize after a
framing error. To do this, it assumes that the
framing error was due to the next start bit, so it
samples this 'start' bit twice and then takes in
the 'data'.
Bit 4
Break Interrupt (BI). Bit 4 is set to a logic "1"
whenever the received data input is held in the
Spacing state (logic "0") for longer than a full
word transmission time (that is, the total time of
the start bit + data bits + parity bits + stop bits).
The BI is reset after the CPU reads the contents
of the Line Status Register. In the FIFO mode
this error is associated with the particular
character in the FIFO it applies to. This error is
indicated when the associated character is at
the top of the FIFO. When break occurs only
one zero character is loaded into the FIFO.
Restarting after a break is received, requires the
serial data (RXD) to be logic "1" for at least 1/2
bit time.
Note: Bits 1 through 4 are the error conditions
that produce a Receiver Line Status Interrupt
whenever any of the corresponding conditions
are detected and the interrupt is enabled.
Bit 5
Transmitter Holding Register Empty (THRE).
Bit 5 indicates that the Serial Port is ready to
accept a new character for transmission.
In
addition, this bit causes the Serial Port to issue
an interrupt when the Transmitter Holding
Register interrupt enable is set high. The THRE
bit is set to a logic "1" when a character is
transferred
from
the
Transmitter
Holding
Register into the Transmitter Shift Register. The
bit is reset to logic "0" whenever the CPU loads
the Transmitter Holding Register. In the FIFO
mode this bit is set when the XMIT FIFO is
empty, it is cleared when at least 1 byte is
written to the XMIT FIFO. Bit 5 is a read only
bit.
Bit 6
Transmitter Empty (TEMT).
Bit 6 is set to a
logic "1" whenever the Transmitter Holding
Register (THR) and Transmitter Shift Register
(TSR) are both empty.
It is reset to logic "0"
whenever either the THR or TSR contains a data
character. Bit 6 is a read only bit.
In the FIFO
mode this bit is set whenever the THR and TSR
are both empty.
Bit 7
This bit is permanently set to logic "0" in the 450
mode.
In the FIFO mode, this bit is set to a
logic "1" when there is at least one parity error,
framing error or break indication in the FIFO.
This bit is cleared when the LSR is read if there
are no subsequent errors in the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com