Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 18 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 14Page - SMSC Corporation FDC37M607 Datasheet HTML 15Page - SMSC Corporation FDC37M607 Datasheet HTML 16Page - SMSC Corporation FDC37M607 Datasheet HTML 17Page - SMSC Corporation FDC37M607 Datasheet HTML 18Page - SMSC Corporation FDC37M607 Datasheet HTML 19Page - SMSC Corporation FDC37M607 Datasheet HTML 20Page - SMSC Corporation FDC37M607 Datasheet HTML 21Page - SMSC Corporation FDC37M607 Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 182 page
background image
18
TAPE DRIVE REGISTER (TDR)
Address 3F3 READ/WRITE
The Tape Drive Register (TDR) is included for
82077 software compatibility and allows the
user to assign tape support to a particular drive
during initialization.
Any future references to
that drive automatically invokes tape support.
The TDR Tape Select bits TDR [1:0] determine
the tape drive number.
Table 4 illustrates the
Tape Select bit encoding. Note that drive “0” is
the boot device and cannot be assigned tape
support.
The remaining Tape Drive Register
bits TDR.[7:2] are tristated when read. The TDR
is unaffected by a software reset.
Table 4- Tape Select Bits
Table 5 - Internal 2 Drive Decode - Normal
DIGITAL OUTPUT REGISTER
DRIVE SELECT
OUTPUTS (ACTIVE LOW)
MOTOR ON OUTPUTS
(ACTIVE LOW)
Bit 7
Bit 6
Bit 5
Bit 4
Bit1
Bit 0
nDS1
nDS0
nMTR1
nMTR0
X
X
X
1
0
0
1
0
nBIT 5
nBIT 4
X
X
1
X
0
1
0
1
nBIT 5
nBIT 4
X
1
X
X
1
0
1
1
nBIT 5
nBIT 4
1
X
X
X
1
1
1
1
nBIT 5
nBIT 4
0
0
0
0
X
X
1
1
nBIT 5
nBIT 4
Table 6 - Internal 2 Drive Decode - Drives 0 and 1 Swapped
DIGITAL OUTPUT REGISTER
DRIVE SELECT
OUTPUTS (ACTIVE
LOW)
MOTOR ON OUTPUTS
(ACTIVE LOW)
Bit 7
Bit 6
Bit 5
Bit 4
Bit1
Bit 0
nDS1
nDS0
nMTR1
nMTR0
X
X
X
1
0
0
0
1
nBIT 4
nBIT 5
X
X
1
X
0
1
1
0
nBIT 4
nBIT 5
X
1
X
X
1
0
1
1
nBIT 4
nBIT 5
1
X
X
X
1
1
1
1
nBIT 4
nBIT 5
0
0
0
0
X
X
1
1
nBIT 4
nBIT 5
TAPE SEL1
(TDR.1)
TAPE SEL0
(TDR.0)
DRIVE
SELECTED
0
0
1
1
0
1
0
1
None
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com