Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 17 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 17 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 13Page - SMSC Corporation FDC37M607 Datasheet HTML 14Page - SMSC Corporation FDC37M607 Datasheet HTML 15Page - SMSC Corporation FDC37M607 Datasheet HTML 16Page - SMSC Corporation FDC37M607 Datasheet HTML 17Page - SMSC Corporation FDC37M607 Datasheet HTML 18Page - SMSC Corporation FDC37M607 Datasheet HTML 19Page - SMSC Corporation FDC37M607 Datasheet HTML 20Page - SMSC Corporation FDC37M607 Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 182 page
background image
17
DIGITAL OUTPUT REGISTER (DOR)
Address 3F2 READ/WRITE
The DOR controls the drive select and motor
enables of the disk interface outputs. It
also contains the enable for the DMA logic and a
software reset bit. The contents of the DOR are
unaffected by a software reset. The DOR can
be written to at any time.
BIT 0 and 1 DRIVE SELECT
These two bits are binary encoded for the four
drive selects DS0 -DS3, thereby allowing only
one drive to be selected at one time.
BIT 2 nRESET
A logic "0" written to this bit resets the Floppy
disk controller.
This reset will remain active
until a logic "1" is written to this bit.
This
software reset does not affect the DSR and CCR
registers, nor does it affect the other bits of the
DOR register.
The minimum reset duration
required is 100ns, therefore toggling this bit by
consecutive writes to this register is a valid
method of issuing a software reset.
BIT 3 DMAEN
PC/AT and Model 30 Mode:
Writing this bit to logic "1" will enable the DRQ,
nDACK, TC and FINTR outputs. This bit being
a logic "0" will disable the nDACK and TC
inputs, and hold the DRQ and FINTR outputs in
a high impedance state. This bit is a logic "0"
after a reset and in these modes.
PS/2 Mode: In this mode the DRQ, nDACK, TC
and FINTR pins are always enabled. During a
reset, the DRQ, nDACK, TC, and FINTR pins
will remain enabled, but this bit will be cleared to
a logic "0".
BIT 4 MOTOR ENABLE 0
This bit controls the MTR0 disk interface output.
A logic "1" in this bit will cause the output pin to
go active.
BIT 5 MOTOR ENABLE 1
This bit controls the MTR1 disk interface output.
A logic "1" in this bit will cause the output pin to
go active.
BIT 6 MOTOR ENABLE 2
This bit controls the MTR2 disk interface output.
A logic "1" in this bit will cause the output pin to
go active.
BIT 7 MOTOR ENABLE 3
This bit controls the MTR3 disk interface output.
A logic "1" in this bit causes the output to go
active.
Table 3 - Drive Activation Values
7
6
5
4
3
2
1
0
MOT
EN3
MOT
EN2
MOT
EN1
MOT
EN0
DMAEN nRESE
T
DRIVE
SEL1
DRIVE
SEL0
RESET
COND.
0
0
0
0
0
0
0
0
DRIVE
DOR VALUE
0
1
2
3
1CH
2DH
4EH
8FH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com