Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 179 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 179 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 174Page - SMSC Corporation FDC37M607 Datasheet HTML 175Page - SMSC Corporation FDC37M607 Datasheet HTML 176Page - SMSC Corporation FDC37M607 Datasheet HTML 177Page - SMSC Corporation FDC37M607 Datasheet HTML 178Page - SMSC Corporation FDC37M607 Datasheet HTML 179Page - SMSC Corporation FDC37M607 Datasheet HTML 180Page - SMSC Corporation FDC37M607 Datasheet HTML 181Page - SMSC Corporation FDC37M607 Datasheet HTML 182Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 179 / 182 page
background image
179
FIGURE 23 - 100 PIN QFP PACKAGE OUTLINE
0.10
-C-
H
A
A1
A2
TD/TE
0
L1
L
E1
E
D1
D
e
W
Notes:
1) Coplanarity is 0.100mm (.004") maximum.
2) Tolerance on the position of the leads is
0.200mm (.008") maximum.
3) Package body dimensions D1 and E1 do not
include the mold protrusion. Maximum mold
protrusion is 0.25mm (.010").
4) Dimensions TD and TE are important for testing
by robotic handler. Only above combinations of (1)
or (2) are acceptable.
5) Controlling dimension: millimeter. Dimensions
in inches for reference only and not necessarily
accurate.
DIM
A
A1
A2
D
D1
E
E1
H
L
L1
e
0
W
TD(1)
TE(1)
TD(2)
TE(2)
MIN
2.80
0.1
2.57
23.4
19.9
17.4
13.9
0.1
0.65
1.8
MAX
3.15
0.45
2.87
24.15
20.1
18.15
14.1
0.2
0.95
2.6
MIN
.110
.004
.101
.921
.783
.685
.547
.004
.026
.071
MAX
.124
.018
.113
.951
.791
.715
.555
.008
.037
.102
0°
.2
21.8
15.8
22.21
16.27
12°
.4
22.2
16.2
22.76
16.82
0.65 BSC
0°
.008
.858
.622
.874
.641
12°
.016
.874
.638
.896
.662
.0256 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com