Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 30 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 30 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 26Page - Analog Devices LTC6952 Datasheet HTML 27Page - Analog Devices LTC6952 Datasheet HTML 28Page - Analog Devices LTC6952 Datasheet HTML 29Page - Analog Devices LTC6952 Datasheet HTML 30Page - Analog Devices LTC6952 Datasheet HTML 31Page - Analog Devices LTC6952 Datasheet HTML 32Page - Analog Devices LTC6952 Datasheet HTML 33Page - Analog Devices LTC6952 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
LTC6952
30
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
OPERATION
Power Savings in SYSREF Generation Mode
In most applications, SYSREF requests are a rare oc-
currence. The LTC6952 provides modes to shut down
as much circuitry as possible while still maintaining the
correct timing relationship between SYSREF outputs and
clock outputs. Individual outputs may be put into a low
power mode while leaving the internal dividers running
by writing a “2” to the PDx bits, where x is the output of
interest. Additionally, putting the LTC6952 into SYSREF
generation mode (SRQMD=1) causes the part to draw a
significantly higher current than SRQMD=0. Therefore,
leave the SRQMD bit set to “0” until a SYSREF request is
required. When a SYSREF signal is needed, set SRQMD
to “1”, return the PDx bits to “0”, then wait at least 50µs
before issuing a SYSREF request. Put the SYSREF outputs
back into low power mode (PDx=2) and set SRQMD=0
when finished.
SERIAL PORT
The SPI-compatible serial port provides control and
monitoring functionality. A configurable status output
STAT gives additional instant monitoring.
Communication Sequence
The serial bus is composed of CS, SCLK, SDI, and SDO.
Data transfers to the part are accomplished by the se-
rial bus master device first taking CS low to enable the
LTC6952’s port. Input data applied on SDI is clocked on
the rising edge of SCLK, with all transfers MSB first. The
communication burst is terminated by the serial bus master
returning CS high. See Figure 16 for details.
Data is read from the part during a communication burst
using SDO. Readback may be multidrop (more than one
LTC6952 connected in parallel on the serial bus), as SDO
is three-stated (Hi-Z) when CS is high, or when data is
not being read from the part. If the LTC6952 is not used
in a multidrop configuration, or if the serial port master
is not capable of setting the SDO line level between read
sequences, it is recommended to attach a high-value resis-
tor of greater than 200k between SDO and GND to ensure
the line returns to a known level during Hi-Z states. See
Figure 17 for details.
MASTER–CS
MASTER–SCLK
tCSS
tCS
tCH
DATA
DATA
6952 F16
tCKL
tCKH
tCSS
tCSH
MASTER–SDI
MASTER–CS
MASTER–SCLK
LTC6952 –SDO
Hi-Z
Hi-Z
6952 F17
8TH CLOCK
DATA
DATA
tDO
tDO
tDO
tDO
Figure 16. Serial Port Write Timing Diagram
Figure 17. Serial Port Read Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com