Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 43 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 43 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 39Page - Analog Devices LTC6952 Datasheet HTML 40Page - Analog Devices LTC6952 Datasheet HTML 41Page - Analog Devices LTC6952 Datasheet HTML 42Page - Analog Devices LTC6952 Datasheet HTML 43Page - Analog Devices LTC6952 Datasheet HTML 44Page - Analog Devices LTC6952 Datasheet HTML 45Page - Analog Devices LTC6952 Datasheet HTML 46Page - Analog Devices LTC6952 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 80 page
background image
LTC6952
43
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
Selecting Loop Bandwidth
The next step in the algorithm is choosing the open loop
bandwidth (BW). The maximum BW should be at least
10x smaller than fPFD. Most data converter applications
will place the bandwidth at the optimal intersection of
VCO noise and in-band noise. Narrower bandwidths or
higher order loop filters can be used to lower spurious
power. For this example, the third-order loop filter shown
in Figure 24 will be used.
After inputting the external VCO phase noise and KVCO
characteristics, the LTC6952Wizard reports the thermal
noise optimized loop bandwidth is approximately 16kHz.
Loop Filter Component Selection
For the lowest in-band phase noise, ICP should be set to
the highest value possible that results in practical loop
filter component values. Therefore, ICP for our example is
chosen to be 11.2mA. The LTC6952Wizard uses Equation 9
to determine RZ:
RZ = 2 • π • 16k • 40/(11.2m • 5M)
RZ = 71.8Ω ≈ 71.5Ω
The LTC6952Wizard uses Equation 10 through 13 to
calculate CI, CP, C2, and R1:
CI = 4/(π • 16k • 71.5) = 1.11µF ≈ 1.2µF
CP = 1/(12 • π • 16k • 71.5) = 23.2nF ≈ 22nF
C2 = 1/(18 • π • 16k • 71.5) = 15.5nF ≈ 15nF
R1 = 71.5Ω
Note that resistors are rounded to standard ±1% values,
and capacitors are rounded to standard ±10% values.
Determining Output Modes
All outputs can be programmed as clocks (MODEx = 0),
SYSREFs (MODEx = 1 or 3), or SYNC/SRQ passthrough
outputs (MODEx = 2) using each output’s individual
MODEx bits as described in Table 13, Table 14, and Table 15.
Any output can also be programmed to ignore SYNC and
APPLICATIONS INFORMATION
SYSREF requests by setting that output’s correspond-
ing SRQENx bit to “0”. Noting that this design example
calls for pulsed SYSREFs (MODEx = 3) and that the
FPGA management clock should always be free running
(SRQENx = 0), Table 21 summarizes each output’s mode
settings.
Table 21. Output Mode Settings for EZSync Standalone Design
Example
OUTPUT
PURPOSE
SRQENx
MODEx
PDx
OUT0
ADC0 SYSREF
1
3
0
OUT1
ADC0 CLK
1
0
0
OUT2
ADC1 SYSREF
1
3
0
OUT3
ADC1 CLK
1
0
0
OUT4
FPGA SYSREF
1
3
0
OUT5
FPGA DEV CLK
1
0
0
OUT6
FPGA MGMT CLK
0
0
0
OUT7
DAC0 SYSREF
1
3
0
OUT8
DAC0 CLK
1
0
0
OUT9
DAC1 SYSREF
1
3
0
OUT10
DAC1 CLK
1
0
0
Determining Output Divider Values
Since the desired frequencies of each output are already
determined, the output divider values can be calculated
using Equation 7. The results are shown in Table 22.
Table 22. Output Divide Settings for EZSync Standalone Design
Example
OUTPUT
PURPOSE
Frequency
(MHz)
Divide Value
(Mx)
OUT0
ADC0 SYSREF
12.5
320
OUT1
ADC0 CLK
500
8
OUT2
ADC1 SYSREF
12.5
320
OUT3
ADC1 CLK
500
8
OUT4
FPGA SYSREF
12.5
320
OUT5
FPGA DEV CLK
125
32
OUT6
FPGA MGMT CLK
100
40
OUT7
DAC0 SYSREF
12.5
320
OUT8
DAC0 CLK
4000
1
OUT9
DAC1 SYSREF
12.5
320
OUT10
DAC1 CLK
4000
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com