Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 45 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 45 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 41Page - Analog Devices LTC6952 Datasheet HTML 42Page - Analog Devices LTC6952 Datasheet HTML 43Page - Analog Devices LTC6952 Datasheet HTML 44Page - Analog Devices LTC6952 Datasheet HTML 45Page - Analog Devices LTC6952 Datasheet HTML 46Page - Analog Devices LTC6952 Datasheet HTML 47Page - Analog Devices LTC6952 Datasheet HTML 48Page - Analog Devices LTC6952 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 80 page
background image
LTC6952
45
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
Power and FILT Register Programming
For correct PLL operation, all internal blocks should be
enabled. Additionally, the REF and VCO input signals have
a sufficient slew rate and power to not need the FILT or
BST bits:
Reg02 = h00
Output Power-Down Programming
During initial setup and synchronization, all used outputs
and the SRQ circuitry should be set to full power. These
bits will be used later to place the IC in a lower power
mode while waiting for SYSREF requests:
Reg03 = h00
Reg04 = h00
Reg05 = h00
RAO and PARSYNC Programming
PARSYNC should be set to “0” since this example is not
a ParallelSync application. RAO should also be set to “0”
unless a highly accurate reference input to clock output
timing is required.
Lock Detect Programming
Next, determine the lock indicator window from fPFD.
From Table 4 we see that LKWIN = 0 with a tLWW of 3ns.
The LTC6952 will consider the loop “locked” as long as
the phase coincidence at the PFD is within ±3ns, or 108º
as calculated below.
phase = 360° • tLWW • fPFD
= 360º • 3n • 100M
≈ 108°
Larger values of COUNTS lead to more accurate and stable
lock indications at the expense of longer lock indication
times. A COUNTS value of 2048 will work for this applica-
tion. From Table 5, LKCT[1:0] = 3 for 2048 counts.
APPLICATIONS INFORMATION
R and N Divider Programming
The previously determined R and N divider values are 1
and 40, respectively. Using these values and the PARSYNC
and lock detector values, registers 6 through 9 can be
programmed:
Reg06 = h0C
Reg07 = h01
Reg08 = h00
Reg09 = h28
Charge Pump Function and Current Programming
Disable all the charge pump functions (CPMID, CPWIDE,
CPRST, CPUP, CPDN, and CPINV), allowing the loop to
lock. Using Table 6 with the previously selected ICP of
11.2mA gives CP[4:0] = h13.
SYNC and SYSREF Global Modes Programming
Bit EZMD controls whether the IC is an EZSync standalone/
controller (“0”) or follower (“1”). Since this example is an
EZSync standalone application, set bit EZMD to “0”. Bit
SRQMD determines if the part is in synchronization mode
(“0”) or SYSREF request mode (“1”). SYSCT programs
the number of pulses for any output in pulsed SYSREF
mode (# pulses = 2SYSCT, so SYSCT = 2 to achieve four
pulses for this example). Combining this information with
the previously determined charge pump controls, registers
h0A and h0B can be programmed:
Reg0A = h13
Reg0B = h04
Note that the SSRQ bit will remain “0” for now, but will be
used later during the synchronization and SYSREF request
procedures. Also, the EZS_SRQ± pins should be grounded
because the synchronization and SYSREF requests will be
accomplished through software control of the SSRQ bit.
Output Divider, Delay and Function Programming
Four registers for each output allow the outputs to be
configured independently of each other. The first register
controls the output divide ratio through two control words,
MPx and MDx, as described in Equation 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com