Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 6Page - Analog Devices LTC6952 Datasheet HTML 7Page - Analog Devices LTC6952 Datasheet HTML 8Page - Analog Devices LTC6952 Datasheet HTML 9Page - Analog Devices LTC6952 Datasheet HTML 10Page - Analog Devices LTC6952 Datasheet HTML 11Page - Analog Devices LTC6952 Datasheet HTML 12Page - Analog Devices LTC6952 Datasheet HTML 13Page - Analog Devices LTC6952 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
LTC6952
10
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
Differential Output at 1GHz
Differential Output Swing
vs Frequency, Temperature
Analog Delay Time
vs ADEL Value, Temperature
Analog Delay Time Temperature
Variation from 25°C
Analog Delay Time vs ADEL Value
Over Multiple Output Frequencies
Expected Skew Variation for a
Single Part
Skew Variation with Temperature
For a Single Typical Part
Expected Skew Variation Across
Multiple Parts in ParallelSync
Mode
Skew Between Two Parts at
Different Temperatures
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, VREF
+ = VOUT+ = VD+ = VVCO+ = 3.3V,
VCP+ = 5V, unless otherwise noted.
200ps/DIV
–0.5
–0.4
–0.3
–0.2
–0.1
0.0
0.1
0.2
0.3
0.4
0.5
6952 G10
NOTES 14, 16
125°C
25°C
–40°C
OUTPUT FREQUENCY (GHz)
0
1
2
3
4
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
6952 G11
label1
label2
label3
125°C
25°C
–40°C
ADEL VALUE
0
10
20
30
40
50
60
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
6952 G12
label1
label2
label3
125°C
–40°C
ADEL VALUE
0
10
20
30
40
50
60
–40
–30
–20
–10
0
10
20
30
40
6952 G13
100MHz
300MHz
500MHz
750MHz
1000MHz
1500MHz
1750MHz
2250MHz
ADEL VALUE
0
10
20
30
40
50
60
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
6952 G14
fvco = 4.5GHz, Mx=16
Average
–3σ
+3σ
NOTES 17, 20
OUTPUT
0
1
2
3
4
5
6
7
8
9 10
–20
–15
–10
–5
0
5
10
15
20
6952 G15
NOTE 20
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
OUT9
OUT10
TJ (°C)
–40 –20
0
20
40
60
80
100 120
–30
–20
–10
0
10
20
6952 G16
NOTE 17
RAO = 1
PARSYNC = 1
SKEW (ps)
–30
–20
–10
0
10
20
30
0
5
10
15
6952 G17
TJ of Part #1 = 25°C
RAO = 0
RAO = 1
TJ OF PART #2 (°C)
–40 –20
0
20
40
60
80
100 120
–30
–20
–10
0
10
20
30
40
50
6952 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com