Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 57 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 57 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 53Page - Analog Devices LTC6952 Datasheet HTML 54Page - Analog Devices LTC6952 Datasheet HTML 55Page - Analog Devices LTC6952 Datasheet HTML 56Page - Analog Devices LTC6952 Datasheet HTML 57Page - Analog Devices LTC6952 Datasheet HTML 58Page - Analog Devices LTC6952 Datasheet HTML 59Page - Analog Devices LTC6952 Datasheet HTML 60Page - Analog Devices LTC6952 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
LTC6952
57
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
CP
M0
NDIV
VCO
RDIV
LF(s)
EZS_SRQ±
SYNC AND
SYSREF CTRL
M1
M2
M3
M4
M5
M6
M7
M8
M9
M10
M0
SYNC AND
SYSREF CTRL
M1
M2
M3
M4
M5
M6
M7
M8
M9
M10
EZS_SRQ±
ADC1
SYSREF
CLK
SYSREF
SYSREF
CLK
CLK
ADC2
ADC3
DEV CLK
SYSREF
MGMT CLK
FPGA
SYSREF
CLK
ADC7
SYSREF
SYSREF
SYSREF
CLK
CLK
CLK
ADC6
ADC5
ADC4
LTC6952 #1
LTC6952 #2
NDIV
RDIV
CP
REF±
M0
SYNC
AND
SYSREF
CTRL
M1
M2
M3
M4
M5
M6
M7
M8
M9
M10
LTC6953 REFERENCE
DISTRIBUTION
SSRQ
BIT
REF±
REF
OSC
ADC0
SYSREF
CLK
IN±
VCO±
VCO
LF(s)
VCO±
INPUT/OUTPUT TERMINATIONS AND
AC COUPLING CAPS NOT SHOWN
6952 F35
APPLICATIONS INFORMATION
Figure 35. Block Diagram for JESD204B ParallelSync with LTC6953 Reference Distribution Design Example
and LTC6952 #2). Figure 35 shows a block diagram of the
full system. Note that OUT0 of the reference LTC6953 is
driving the REF± inputs of LTC6952 #1 and OUT1 is driving
the EZS_SRQ± pins of LTC6952 #1. Likewise, OUT2 of the
reference LTC6953 is driving the REF± inputs of LTC6952
#2 and OUT3 is driving the EZS_SRQ± pins of LTC6952
#2. All outputs in this configuration are low RMS jitter
(~75fs ADC SNR Method).
Reference and VCO Assumptions
For this example, assume the available reference is a
245.76MHz sine wave oscillator with 8dBm output power,
and the VCOs are 2949.12MHz oscillators with a KVCO
of 15MHz/V, output power of 6dBm, and phase noise of
–112dBc/Hz at 10kHz.
fREF = 245.76MHz
fVCO = 2949.12MHz
KVCO = 15MHz/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com