Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 65 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 65 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 61Page - Analog Devices LTC6952 Datasheet HTML 62Page - Analog Devices LTC6952 Datasheet HTML 63Page - Analog Devices LTC6952 Datasheet HTML 64Page - Analog Devices LTC6952 Datasheet HTML 65Page - Analog Devices LTC6952 Datasheet HTML 66Page - Analog Devices LTC6952 Datasheet HTML 67Page - Analog Devices LTC6952 Datasheet HTML 68Page - Analog Devices LTC6952 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
LTC6952
65
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
IN-BAND OUTPUT PHASE NOISE
The in-band phase noise floor LOUT produced at fOUTx may
be calculated by using Equation 20.
LOUT = LNORM + 10 • log10(fPFD)
+ 20 · log10(fOUTx/fPFD)
or
LOUT = LNORM + 10 • log10(fPFD)
+ 20 • log10(N/Mx)
(20)
where LNORM is –229dBc/Hz.
As can be seen, for a given PFD frequency fPFD, the output
in-band phase noise increases at a 20 dB-per-decade rate
with the N divider count. So, for a given output frequency
fOUTx, fPFD should be as large as possible (or N should be
as small as possible) while still satisfying the application’s
frequency step size requirements.
OUTPUT PHASE NOISE DUE TO 1/f NOISE
In-band phase noise at very low offset frequencies may
be influenced by the LTC6952’s 1/f noise, depending upon
fPFD. Use the normalized in-band 1/f noise L1/f of –277dBc/
Hz with Equation 21 to approximate the output 1/f phase
noise at a given frequency offset fOFFSET:
LOUT(1/f) (fOFFSET) = L1/f + 20 • log10(fOUTx)
- 10 • log10(fOFFSET)
(21)
Unlike the in-band noise floor LOUT, the 1/f noise LOUT(1/f)
does not change with fPFD, and is not constant over offset
frequency. See Figure 38 for an example of in-band phase
noise for fPFD equal to 5MHz and 100MHz. The total phase
noise will be the summation of LOUT and LOUT(1/f).
REFERENCE SIGNAL ROUTING, SPURIOUS, AND
PHASE NOISE
The charge pump operates at the PFD’s comparison
frequency fPFD. The resultant output spurious energy is
small and is further reduced by the loop filter before it
modulates the VCO frequency.
APPLICATIONS INFORMATION
TOTAL NOISE
fPFD = 5MHz
TOTAL NOISE
fPFD = 100MHz
1/f NOISE
CONTRIBUTION
OFFSET FREQUENCY (Hz)
10
100
1k
10k
100k
–125
–120
–115
–110
–105
–100
–95
–90
6952 F38
Figure 38. Theoretical In-Band Phase Noise, fOUTx = 4500MHz
However, improper PCB layout can degrade the LTC6952’s
inherent spurious performance. Care must be taken to
prevent the reference signal fREF from coupling onto the
VCO’s tune line, or into other loop filter signals. Example
suggestions are the following.
1. Do not share power supply decoupling capacitors
between same-voltage power supply pins.
2. Use separate ground vias for each power supply
decoupling capacitor, especially those connected to
VREF+, VD+, VOUT+, VCP+, and VVCO+.
3. Physically separate the reference frequency signal
from the loop filter and VCO.
REFERENCE SIGNAL AND EZS_SRQ TIMING FOR
ParallelSync MODE
Setting PARSYNC to “1” requires tighter timing between
the REF± inputs and the EZS_SRQ input. The LTC6952
is designed to allow sine wave or square wave reference
inputs at various levels and all settings of BST or FILT, and
have consistent performance with respect to setup and
hold times of the EZS_SRQ input pulse. The parameters
tSS and tSH are tested and specified for both CMOS and
differential input levels applied to REF± and EZS_SRQ±,
having the performance characteristics shown in Figure 39
for EZS_SRQ± rising and Figure 40 for EZS_SRQ± falling.
For CMOS EZS_SRQ signals, VIH = 1.3V and VIL = 0.6V.
For differential EZS_SRQ signals, VIH = VIL = 50% of the
signal swing. The trip point for any type of REF± input is
always 50%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com