Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 56 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 56 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 52Page - Analog Devices LTC6952 Datasheet HTML 53Page - Analog Devices LTC6952 Datasheet HTML 54Page - Analog Devices LTC6952 Datasheet HTML 55Page - Analog Devices LTC6952 Datasheet HTML 56Page - Analog Devices LTC6952 Datasheet HTML 57Page - Analog Devices LTC6952 Datasheet HTML 58Page - Analog Devices LTC6952 Datasheet HTML 59Page - Analog Devices LTC6952 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 80 page
background image
LTC6952
56
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
Figure 34. Outputs after SYSREF Request for the EZSync Multi-Chip Design Example (SRQMD=1)
EZS_SRQ OR SSRQ BIT
CONTROLLER OUTPUTS
FOLLOWER OUTPUTS
6952 F31
FOLLOWER DRIVER
(OUT8)
SYSREQ PASSTHROUGH
(OUT9)
ADC DEVICE CLOCKS
(OUT1, 3, 5 AND 7)
ADC SYSREFs
(OUT0, 2, 4 AND 6)
DAC DEVICE CLOCKS
(OUT4, 6, 8 AND 10)
DAC SYSREFs
(OUT3, 5, 7 AND 9)
FPGA SYSREF
(OUT1)
FPGA DEVICE CLOCK
(OUT2)
4000MHz
FPGA MANAGEMENT CLOCK
(OUT10)
100MHz
4000MHz
125MHz
500MHz
JESD204B DESIGN EXAMPLE USING ParallelSync
This design example consists of a system of eight
JESD204B analog-to-digital converters (ADCs) and a
JESD204B compatible FPGA. All of the ADCs and the
FPGA require JESD204B subclass 1 device clocks and
SYSREFs, and the FPGA requires an extra management
clock. Additionally, the ADCs require low noise clocks of
less than 100fs total RMS jitter. This leads to a total of
19 separate signals to generate, with frequencies listed
below. For this example, the SYSREF frequencies for all
devices are the same and should output four pulses upon
a SYSREF request rising edge:
fADC-CLK = 294.912MHz
fFPGA-CLK = 147.456MHz
fFPGA-MGMT = 98.304MHz
fSYSREF = 9.216MHz
To determine which multi-chip configuration to use, we
utilize the flowchart in Figure 15. This example has nine
total JESD204B device clock/SYSREF pairs, eight of which
need to be less than 100fs total jitter. We also need one
additional non-low noise standalone clock for the FPGA.
Therefore:
TP = 9
LNP = 8
TS = 1
LNS = 0
Based on these inputs, Figure 15 suggests using the Paral-
lelSync Multi-Chip protocol with LTC6953 Reference Dis-
tribution topology shown in Figure 14, using one LTC6953
as the reference distribution chip (REF LTC6953) and two
LTC6952s in parallel to generate the clocks (LTC6952 #1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com