Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 78 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 78 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 72Page - Analog Devices LTC6952 Datasheet HTML 73Page - Analog Devices LTC6952 Datasheet HTML 74Page - Analog Devices LTC6952 Datasheet HTML 75Page - Analog Devices LTC6952 Datasheet HTML 76Page - Analog Devices LTC6952 Datasheet HTML 77Page - Analog Devices LTC6952 Datasheet HTML 78Page - Analog Devices LTC6952 Datasheet HTML 79Page - Analog Devices LTC6952 Datasheet HTML 80Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 78 / 80 page
background image
LTC6952
78
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
TYPICAL APPLICATIONS
49.9Ω
1µF
1µF
49.9Ω
100Ω
0.1µF
0.1µF
10k
160Ω
100Ω
1µF
63Ω
1nH
10nF
63Ω
500nF
100Ω
100Ω
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
6.8nF
1pF
1pF
CP
VCO+
VCO–
REF+
REF–
VOUT
+
VREF
+
VD
+
VCP
+
3.3V
5V
3.3V
VVCO
+
OUT10±
LTC6952
OUT4±
OUT5±
OUT6±
OUT7±
Crystek
CVCO55XT-
7250-7250
IN+
IN–
VOUT
+
VD
+
3.3V
VTUNE
VIN
+
OUT0±
7.25GHz
CLOCKS
OUT1±
OUT2±
OUT10+
OUT10–
LTC6955-1
BUFFER
OUT3±
OUT4±
OUT5±
OUT6+
OUT6–
OUT7±
OUT8+
OUT8–
OUT9±
3.3V
VOUT
+ (PIN 6)
FILT
fVCO
POWERED DOWN OR
ADDITIONAL 7.25GHZ CLOCKS
ADJUST LTC6952 ADEL
REGISTERS TO ALIGN
SYSREF PAIRS TO
LTC6955-1 CLOCKS
OUT8+
OUT8–
OUT0±
OUT9+
OUT9–
CAN BE USED AS
CLOCKS ≤ 3.625GHZ
OR SYSREFS
fOUT = 3.625GHz
SEL3
SEL2
SEL1
SEL0
3.3V
FB
MMZ0603
Crystek
CCHD-575-25-125
125MHz Ref Osc
/1
/1
/1
EZS_SRQ+
EZS_SRQ–
TO SYNC OUTPUTS:
TOGGLE SSYNC REGISTER BIT
6952 TA05
OUT1±
OUT2±
OUT3±
Generation of 7.5GHz, 52fs ADC SNR Jitter Clocks Using LTC6952 and LTC6955-1
LTC6955-1 & LTC6952 Phase Noise fVCO = 7.25GHz
7.25GHz JESD204B LTC6955-1 & LTC6952
LTC6955–1 RMS JITTER = 52fs
LTC6952 RMS JITTER = 93fs
EQUIVALENT ADC SNR METHOD
3.625GHz (LTC6952)
7.25GHz (LTC6955–1)
OFFSET FREQUENCY (Hz)
1k
10k
100k
1M
10M 40M
–170
–160
–150
–140
–130
–120
–110
–100
6952 TAO5a
SYSREF Valid
Clock Edge
100ps/DIV
LTC6955–1
OUT8: CLOCK
7.25GHz
LTC6952
OUT9: SYSREF
LTC6955–1
OUT6: CLOCK
7.25GHz
LTC6952
OUT8: SYSREF
6952 TAO5b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com