Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 52 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 52 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 48Page - Analog Devices LTC6952 Datasheet HTML 49Page - Analog Devices LTC6952 Datasheet HTML 50Page - Analog Devices LTC6952 Datasheet HTML 51Page - Analog Devices LTC6952 Datasheet HTML 52Page - Analog Devices LTC6952 Datasheet HTML 53Page - Analog Devices LTC6952 Datasheet HTML 54Page - Analog Devices LTC6952 Datasheet HTML 55Page - Analog Devices LTC6952 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
LTC6952
52
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
3. Adjust for CONTROLLER vs FOLLOWER outputs.
Any CONTROLLER output that is synchronous with
the FOLLOWER must have the delay offset from
Equation 17 added to its DDEL value. FOLLOWER
outputs need no adjustment. For this example, the
ADC CLKs and SYSREFs come from the CONTROLLER:
DDELADC-CLK = DDELADC-CLK´ + DDELFS-OS
DDELADC-CLK = 32 + 14 = 46
DDELADC-SYS = DDELADC-SYS´ + DDELFS-OS
DDELADC-SYS = 24 + 14 = 38
DDELDAC-CLK = DDELDAC-CLK´ + 0 = 32
DDELDAC-SYS = DDELDAC-SYS´ + 0 = 31
DDELFPGA-CLK = DDELFPGA-CLK´ + 0 = 32
DDELFPGA-SYS = DDELFPGA-SYS´ + 0 = 0
Even though CONTROLLER OUT9 is only passing through
the SYNC/SRQ pulse, its digital delay should be set so
that its edges occur at the same time as the latest occur-
ring SYSREF in the overall system. This is to ensure that
future SYSREF requests are aligned properly. Note that
the delay offset from Equation 17 will need to be added
as well since it is located on the CONTROLLER part. The
latest occurring SYSREF is the DAC SYSREF, therefore:
DDELOUT9 = DDELDAC-SYS + DDELFS-OS
DDELOUT9 = 31 + 14 = 45
The follower-driver digital delay is set to 0 in this example:
DDELFD = DDELOUT8 = 0
Table 27 summarizes the DDEL settings for all outputs.
Table 27. Output DDELx Settings for EZSync Multi-Chip Design
Example
IC
OUTPUT
PURPOSE
DDELx
OUT0
ADC0 SYSREF
38
OUT1
ADC0 CLK
46
OUT2
ADC1 SYSREF
38
OUT3
ADC1 CLK
46
OUT4
ADC2 SYSREF
38
OUT5
ADC2 CLK
46
OUT6
ADC3 SYSREF
38
OUT7
ADC3 CLK
46
OUT8
FOLLOWER VCO
0
OUT9
FOLLOWER EZS_SRQ
45
OUT10
FPGA MGMT CLK
0
OUT0
Unused
N/A
OUT1
FPGA SYSREF
0
OUT2
FPGA DEV CLK
32
OUT3
DAC0 SYSREF
31
OUT4
DAC0 CLK
32
OUT5
DAC1 SYSREF
31
OUT6
DAC1 CLK
32
OUT7
DAC2 SYSREF
31
OUT8
DAC2 CLK
32
OUT9
DAC3 SYSREF
31
OUT10
DAC3 CLK
32
Now that the output divider and delays have been deter-
mined, the ICs can be programmed.
Status Register Programming
This example will use the STAT pin to alert the system
whenever the LTC6952 generates a fault condition. For
the CONTROLLER, program x[5], x[3], x[1] = 1 to force
the STAT pin high whenever any of the LOCK, VCOOK, or
REFOK flags asserts:
CONTROLLER Reg01 = h2A
For the FOLLOWER, only the VCOOK flag is valid:
FOLLOWER Reg01 = h08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com