Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 11Page - Analog Devices LTC6952 Datasheet HTML 12Page - Analog Devices LTC6952 Datasheet HTML 13Page - Analog Devices LTC6952 Datasheet HTML 14Page - Analog Devices LTC6952 Datasheet HTML 15Page - Analog Devices LTC6952 Datasheet HTML 16Page - Analog Devices LTC6952 Datasheet HTML 17Page - Analog Devices LTC6952 Datasheet HTML 18Page - Analog Devices LTC6952 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
LTC6952
15
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
BLOCK DIAGRAM
+
–
+
–
42
41
43
36
39
37
38
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
49
48
47
46
45
44
50
51
52
1
2
40
53
5
4
3
8
7
6
11
10
9
14
13
12
GND
CP
NC
CHARGE PUMP
OUT0+
OUT1+
OUT0–
OUT2+
OUT3+
OUT4+
OUT5+
OUT5–
OUT6–
6952 BD
OUT6+
OUT3–
OUT4–
OUT2–
OUT1–
VVCO
+
VCO+
VCO–
VOUT
+
VOUT
+
VOUT
+
VOUT
+
VOUT
+
VOUT
+
VOUT
+
STAT
TEMPO
SIGNAL
DETECT
SYNC AND
SYSREF CTRL
FILTR
FILTV
PFD
RDIV
1-1023
LOCK
IND
SIGNAL
DETECT
REF–
REF+
VREF
+
EZS_SRQ–
EZS_SRQ+
SDI
SCLK
SD
OUT10+
OUT9+
OUT8+
OUT8–
OUT7–
OUT7+
OUT10–
OUT9–
GND (EXPOSED PAD)
SERIAL
PORT
AND
DIGITAL
CS
SDO
VD
+
VOUT
+
VOUT
+
VOUT
+
VOUT
+
420µA TO
11.2mA
VCP
+
NDIV
1-65535
DDEL0
0-4095
M0 DIV
1-4096
ADEL0
0-1.1ns
DDEL1
0-4095
M1 DIV
1-4096
ADEL1
0-1.1ns
DDEL2
0-4095
M2 DIV
1-4096
ADEL2
0-1.1ns
DDEL3
0-4095
M3 DIV
1-4096
ADEL3
0-1.1ns
DDEL4
0-4095
M4 DIV
1-4096
ADEL4
0-1.1ns
DDEL5
0-4095
M5 DIV
1-4096
ADEL5
0-1.1ns
DDEL6
0-4095
M6 DIV
1-4096
ADEL6
0-1.1ns
ADEL7
0-1.1ns
M7 DIV
1-4096
DDEL7
0-4095
ADEL8
0-1.1ns
M8 DIV
1-4096
DDEL8
0-4095
ADEL9
0-1.1ns
M9 DIV
1-4096
DDEL9
0-4095
ADEL10
0-1.1ns
M10 DIV
1-4096
DDEL10
0-4095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com