Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 73 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 73 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 69Page - Analog Devices LTC6952 Datasheet HTML 70Page - Analog Devices LTC6952 Datasheet HTML 71Page - Analog Devices LTC6952 Datasheet HTML 72Page - Analog Devices LTC6952 Datasheet HTML 73Page - Analog Devices LTC6952 Datasheet HTML 74Page - Analog Devices LTC6952 Datasheet HTML 75Page - Analog Devices LTC6952 Datasheet HTML 76Page - Analog Devices LTC6952 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
LTC6952
73
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
TYPICAL APPLICATIONS
160Ω
100Ω
49.9Ω
1µF
1µF
100Ω
1µF
33nF
22nF
48.7Ω
1.2µF
48.7Ω
0.1µF
75Ω
30Ω
0.1µF
0.47µF
OUT0+
OUT0–
OUT1+
OUT1–
OUT2+
OUT2–
OUT10+
OUT10–
OUT3+
OUT3–
OUT4+
OUT4–
OUT5+
OUT5–
OUT6+
OUT6–
OUT7+
OUT7–
OUT8+
OUT8–
OUT9+
OUT9–
LTC6952
REF+
REF-
EZS_SRQ+
EZS_SRQ–
TO DAUGHTER
CARD #2
STAGE 1
STAGE 2
OUT0+
OUT0–
OUT1+
OUT1–
OUT2+
OUT2–
OUT10+
OUT10–
OUT3+
OUT3–
OUT4+
OUT4–
OUT5+
OUT5–
OUT6+
OUT6–
OUT7+
OUT7–
OUT8+
OUT8–
OUT9+
OUT9–
LTC6953
12.5MHz SYSREF
12.5MHz SYSREF
12.5MHz SYSREF
12.5MHz SYSREF
12.5MHz SYSREF
500MHz CLOCK
500MHz CLOCK
4GHz CLOCK
4GHz CLOCK
125MHz CLOCK
100MHz CLOCK
DAUGHTER CARD #1
DAUGHTER CARD #2
DAUGHTER CARD #3
DAUGHTER CARD #4
DAUGHTER CARD #5
4GHz CLK
SSRQ PASS THRU
TO DAUGHTER
CARD #3
TO DAUGHTER
CARD #4
TO DAUGHTER
CARD #5
IN+
IN–
EZS_SRQ+
EZS_SRQ–
6952 TAO2
Crystek
CCHD-575-25-100
100MHz Ref Osc
CP
Crystek
CVCO55CC-
4000-4000
VCO+
VCO–
VTUNE
EZSync Multi-Chip Synchronization with Request Passthrough
LTC6952 and LTC6953 EZSync Cascaded Phase Noise
SYSREF Alignment
RMS JITTER = 100fs
EQUIVALENT ADC SNR METHOD
4GHz
500MHz
OFFSET FREQUENCY (Hz)
1k
10k
100k
1M
10M 40M
–170
–160
–150
–140
–130
–120
–110
–100
6952 TA02b
SYSREF VALID
CLOCK EDGE
500ps/DIV
OUT0: SYSREF
12.5MHz
OUT1: CLOCK
500MHz
OUT7: SYSREF
12.5MHz
OUT8: CLOCK
4GHz
6952 TA02c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com