Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 38 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 38 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 34Page - Analog Devices LTC6952 Datasheet HTML 35Page - Analog Devices LTC6952 Datasheet HTML 36Page - Analog Devices LTC6952 Datasheet HTML 37Page - Analog Devices LTC6952 Datasheet HTML 38Page - Analog Devices LTC6952 Datasheet HTML 39Page - Analog Devices LTC6952 Datasheet HTML 40Page - Analog Devices LTC6952 Datasheet HTML 41Page - Analog Devices LTC6952 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
LTC6952
38
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
where KVCO is in Hz/V, ICP is in Amps, and RZ is in
Ohms. KVCO depends on the external VCO chosen for
the application. If the chosen VCO has a negative KVCO,
the CPINV bit must be set to “1” for correct opera-
tion. Use ICP = 11.2mA to lower in-band noise unless
component values force a lower setting.
4. Select loop filter components CI, CP, C2, and R1 based
on BW and RZ. Use the following equations to calculate
the remaining loop filter components.
CI = 4/(π • BW • RZ)
(10)
CP = 1/(12 • π • BW • RZ)
(11)
C2 = 1/(18 • π • BW • RZ)
(12)
R1 = RZ
(13)
DIGITAL AND ANALOG OUTPUT DELAYS
Synchronization allows the start times of each output
divider to be delayed by the value programmed into the
digital delay bits (DDELx), expressed in ½ VCO cycles.
Applications needing to calculate the delay in terms of time
can use Equation 14 where DDELx is DDEL0 to DDEL10:
tDDELx = DDELx/(2 • fVCO)
(14)
The analog delay blocks (ADELx) are useful in trimming
signal timing differences caused by non-ideal PCB routing.
This is effective for optimizing set-up and hold times for
SYSREFs versus device clocks in JESD204B applications.
Unlike digital delay, adding analog delay will adversely affect
the jitter performance. Add analog delay to the SYSREF path
whenever possible to minimize the impact on the device
clocks. For example, if the SYSREF signal in a SYSREF/
Clock pair is arriving at the destination device too late, it
is better to add one digital delay code to the device clock
and then add analog delay to the SYSREF, if necessary, to
bring it closer to the device clock.
The approximated analog delay time can be calculated in
picoseconds (ps) by Equation 15 (for ADELx < 32) while
adhering to the frequency limitations described in Table 11.
ADELx = 1 to 31
tADELx = [(11.25 • ADELx + 93.8)–2.5
+ (0.00285 • fOUTx)2.5]–0.4
(15)
ADELx = 32 to 63
tADELx = [(26 • ADELx - 517)–2.5
+ (0.00125 • fOUTx)2.5]–0.4
(16)
where fOUT is the output frequency in GHz. The
LTC6952Wizard may be used for analog delay calculation
and visualization.
REFERENCE INPUT
The LTC6952’s reference input buffer, shown in Figure 1,
provides a flexible interface to either differential or single-
ended frequency sources. The frequency range for the
reference input is from 1MHz to 500MHz. As discussed
in the Operation section, a high quality signal must be
applied to the REF± inputs as they provide the frequency
reference to the entire PLL. To achieve the part’s in-band
phase noise performance, apply a sine wave signal of at
least 6dBm into 50Ω, or a square wave of at least 0.5VP-P
with slew rate of at least 20V/µs. Figure 25 shows recom-
mended interfaces for different reference signal types.
VCO INPUT
The LTC6952’s VCO input buffer, shown in Figure 6, has a
frequency range of DC to 4.5GHz. The buffer has a partial
on-chip differential input termination of 250Ω, allowing
some flexibility for an external matching network if desired.
Figure 26 shows recommended interfaces for different
VCO input signal types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com