Electronic Components Datasheet Search
  English  ▼

X  

LTC6952 Datasheet(PDF) 68 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 68 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 64Page - Analog Devices LTC6952 Datasheet HTML 65Page - Analog Devices LTC6952 Datasheet HTML 66Page - Analog Devices LTC6952 Datasheet HTML 67Page - Analog Devices LTC6952 Datasheet HTML 68Page - Analog Devices LTC6952 Datasheet HTML 69Page - Analog Devices LTC6952 Datasheet HTML 70Page - Analog Devices LTC6952 Datasheet HTML 71Page - Analog Devices LTC6952 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 80 page
background image
LTC6952
68
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
Degradation of the SNR due to sample clock jitter only
occurs if the analog input signal is slewing. If the analog
input signal is stationary (DC) then it does not matter
when in time the sampling occurs. Additionally, a faster
slewing input signal yields a greater error (more noise)
than a slower slewing input signal.
Figure 43 demonstrates this effect. Note how much larger
the error term is with the fast slewing signal than with the
slow slewing signal. To maintain the data converter’s SNR
performance, digitization of high input frequency signals
requires a clock with much less jitter than applications
with lower frequency input signals.
6952 F43
tJ
∆V = VERROR(SLOW)
∆V = VERROR(FAST)
FAST
SINE WAVE
SLOW
SINE WAVE
Figure 43. Fast and Slow Sine Wave
Signals Sampled with a Jittery Clock
It is important to note that the frequency of the analog
input signal determines the sample clock’s jitter require-
ment. The actual sample clock frequency does not matter.
Many ADC applications that undersample high frequency
signals have especially challenging sample clock jitter
requirements.
The previous discussion was useful for gaining an intuitive
feel for the SNR degradation due to sampling clock jitter.
Quantitatively, the actual sample clock jitter requirement
for a given application is calculated as follows:
tJ(TOTAL) =
10
–SNR
dB
20
2 •
π • fSIG
(22)
Where fSIG is the highest frequency signal to be digitized
expressed in Hz, SNRdB is the SNR requirement in decibels
and tJ(TOTAL) is the total RMS jitter in seconds. The total
jitter is the RMS sum of the ADC’s aperture jitter and the
sample clock jitter calculated as follows:
tJ(TOTAL) = tJ(CLK)
2 +t
J(ADC)
2
(23)
Alternatively, for a given total jitter, the attainable SNR is
calculated as follows:
SNRdB= –20log10 2• π• fSIG • tJ(TOTAL)
)
(24)
These calculations assume a full-scale sine wave input
signal. If the input signal is a complex, modulated signal
with a moderate crest factor, the peak slew rate of the
signal may be lower and the sample clock jitter require-
ment may be relaxed.
These calculations are also theoretical. They assume a
noiseless ADC with infinite resolution. All realistic ADCs
have both added noise and a resolution limit. The limita-
tions of the ADC must be accounted for to prevent over-
specifying the sampling clock.
Figure 44 plots the previous equations and provides a
simple, quick way to estimate the sampling clock jitter
requirement for a given input signal or the expected SNR
performance for a given sample clock jitter.
TOTAL CLOCK
JITTER (RMS)
10fs
20fs
50fs
100fs
200fs
500fs
1ps
FREQUENCY OF FULL-SCALE INPUT SIGNAL (GHz)
0.01
0.1
1
10
24
34
44
54
64
74
84
94
104
114
124
6952 F44
Figure 44. SNR vs Input Signal Frequency
vs Sample Clock Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com